Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TD00-DI Fiches technique(PDF) 5 Page - Cooper Bussmann, Inc.

No de pièce TD00-DI
Description  NH bases
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COOPER [Cooper Bussmann, Inc.]
Site Internet  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TD00-DI Fiches technique(HTML) 5 Page - Cooper Bussmann, Inc.

  TD00-DI Datasheet HTML 1Page - Cooper Bussmann, Inc. TD00-DI Datasheet HTML 2Page - Cooper Bussmann, Inc. TD00-DI Datasheet HTML 3Page - Cooper Bussmann, Inc. TD00-DI Datasheet HTML 4Page - Cooper Bussmann, Inc. TD00-DI Datasheet HTML 5Page - Cooper Bussmann, Inc. TD00-DI Datasheet HTML 6Page - Cooper Bussmann, Inc. TD00-DI Datasheet HTML 7Page - Cooper Bussmann, Inc. TD00-DI Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Technical Data 10163
Effective March 2015
Bussmann series
NH bases
EATON www.eaton.com
Dimensions (mm) 1-pole, size 00
Size
Pole
A
B
C
D
E
F
G
H
I
J
NH00
1-pole
120
102
35.5
20
56
24
51
M8x20
25
8
Dimensions (mm) 1-pole, sizes 1, 2 and 3
Size
Poles/Type
A
B
C
D
E
F
G
H
I
J
K
NH1
1-pole
199
175
56
35
79
37
78
M10x25
25
10
30
NH2
1 pole
224
199
56
35
79
37.5
86
M10x25
25
10
30
1-pole double clip
223
199
56
35
82
37
79
M10x25
25
10
30
NH3
1-pole
239
209
56
36
82
37.5
88
M12x30
25
10
30


Numéro de pièce similaire - TD00-DI

FabricantNo de pièceFiches techniqueDescription
logo
Eaton All Rights Reserv...
TD00-DI EATON-TD00-DI Datasheet
558Kb / 9P
   Complies with IEC 60269-1 and 2 fuse
More results

Description similaire - TD00-DI

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
C5268-1 COOPER-C5268-1 Datasheet
55Kb / 1P
   Fuse Bases (Blocks)
logo
Systemsensor advanced i...
B401BH SYSTEMSENSOR-B401BH Datasheet
106Kb / 4P
   Sounder Bases
logo
Molex Electronics Ltd.
1210120013 MOLEX-1210120013 Datasheet
116Kb / 1P
   B20 SERIES BASES
2006/04/15
1210120047 MOLEX-1210120047 Datasheet
158Kb / 2P
   B22 SERIES BASES
2006/04/15
1210120095 MOLEX-1210120095 Datasheet
128Kb / 1P
   B28 SERIES BASES
2006.04.15
1210120009 MOLEX-1210120009 Datasheet
89Kb / 1P
   B15 SERIES BASES
2006/04/15
1210120099 MOLEX-1210120099 Datasheet
128Kb / 1P
   B28 SERIES BASES
2006/04/15
1210130199 MOLEX-1210130199 Datasheet
128Kb / 1P
   B28 SERIES BASES
2006/04/15
1210130233 MOLEX-1210130233 Datasheet
128Kb / 1P
   B28 SERIES BASES
2006/04/15
1210120168 MOLEX-1210120168 Datasheet
116Kb / 1P
   B20 SERIES BASES
2006/04/15
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com