Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U1270 Fiches technique(PDF) 5 Page - Keysight Technologies

No de pièce U1270
Description  Digital Multimeters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEYSIGHT [Keysight Technologies]
Site Internet  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1270 Fiches technique(HTML) 5 Page - Keysight Technologies

  U1270 Datasheet HTML 1Page - Keysight Technologies U1270 Datasheet HTML 2Page - Keysight Technologies U1270 Datasheet HTML 3Page - Keysight Technologies U1270 Datasheet HTML 4Page - Keysight Technologies U1270 Datasheet HTML 5Page - Keysight Technologies U1270 Datasheet HTML 6Page - Keysight Technologies U1270 Datasheet HTML 7Page - Keysight Technologies U1270 Datasheet HTML 8Page - Keysight Technologies U1270 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Front and Back Panel Description
OLED display with 2000:1
contrast ratio and 160
degree viewing angle
Smart Ω 1 removes residual
voltage of up to 1000 mV
Auto diode 1 automatically
determines diode polarity
Temperature measurement:
J type thermocouple
–210 to 1200 °C 1, K type ther-
mocouple –200 to 1732 °C
Z
LOW
1
provides both high
and low impedance modes
to eliminate stray voltages
Measure up to
1000 V AC and DC
Low Pass Filter (LPF)
removes unwanted high
frequency signals
Measure up to 10 A
(20 A for 30 s)
Front panel
1. U1272A, U1273A and U1273AX only
30,000 counts resolution
Peak detect records tran-
sients as fast as 250 μs
Once connected to any HH DMM via Bluetooth adapter you are able to log and view measurements
graphically from smart phones and tablets.
5 | Keysight | U1270 Series Handheld Digital Multimeters - Data Sheet


Numéro de pièce similaire - U1270

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
More results

Description similaire - U1270

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
U3400 KEYSIGHT-U3400 Datasheet
2Mb / 21P
   Digital Multimeters
34465A KEYSIGHT-34465A Datasheet
3Mb / 23P
   Digital Multimeters
34470A KEYSIGHT-34470A Datasheet
3Mb / 23P
   Digital Multimeters
U1250 KEYSIGHT-U1250 Datasheet
2Mb / 15P
   Digital Multimeters
logo
List of Unclassifed Man...
34460A ETC-34460A Datasheet
2Mb / 28P
   Digital Multimeters
AM-500-EUR ETC-AM-500-EUR Datasheet
1Mb / 2P
   Digital Multimeters
logo
Keysight Technologies
34460A KEYSIGHT-34460A Datasheet
3Mb / 23P
   Digital Multimeters
logo
TEKTRONIX, INC.
DMM4020 TEKTRONIX-DMM4020 Datasheet
864Kb / 12P
   Digital Multimeters
logo
Keysight Technologies
34461A KEYSIGHT-34461A Datasheet
3Mb / 23P
   Digital Multimeters
logo
Extech Instruments Corp...
MN35 EXTECH-MN35_15 Datasheet
294Kb / 1P
   Digital Mini MultiMeters
MV110 EXTECH-MV110 Datasheet
240Kb / 13P
   Digital MultiMeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com