Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM320C6424-EP Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce SM320C6424-EP
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C6424-EP Fiches technique(HTML) 5 Page - Texas Instruments

  SM320C6424-EP Datasheet HTML 1Page - Texas Instruments SM320C6424-EP Datasheet HTML 2Page - Texas Instruments SM320C6424-EP Datasheet HTML 3Page - Texas Instruments SM320C6424-EP Datasheet HTML 4Page - Texas Instruments SM320C6424-EP Datasheet HTML 5Page - Texas Instruments SM320C6424-EP Datasheet HTML 6Page - Texas Instruments SM320C6424-EP Datasheet HTML 7Page - Texas Instruments SM320C6424-EP Datasheet HTML 8Page - Texas Instruments SM320C6424-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 237 page
background image
Contents
SM320C6424-EP
FIXED-POINT DIGITAL SIGNAL PROCESSOR
www.ti.com
SPRS580 – JUNE 2009
Ranges of Supply Voltage and Operating
1
Introduction
............................................... 1
Temperature (Unless Otherwise Noted)
........... 120
1.1
Features
.............................................. 1
6
Peripheral Information and Electrical
1.2
SUPPORTS DEFENSE, AEROSPACE, AND
Specifications
......................................... 122
MEDICAL APPLICATIONS
........................... 2
6.1
Parameter Information
............................. 122
1.3
Description
............................................ 2
6.2
Recommended Clock and Control Signal Transition
1.4
Functional Block Diagram
............................ 4
Behavior
............................................ 123
2
Device Overview
......................................... 6
6.3
Power Supplies
.................................... 123
2.1
Device Characteristics
................................ 6
6.4
Enhanced Direct Memory Access (EDMA3)
2.2
C64x+ Megamodule
.................................. 7
Controller
........................................... 131
2.3
Memory Map Summary
............................. 18
6.5
Reset
............................................... 143
2.4
Pin Assignments
.................................... 21
6.6
External Clock Input From MXI/CLKIN Pin
........ 153
2.5
Terminal Functions
.................................. 25
6.7
Clock PLLs
......................................... 155
2.6
Device Support
...................................... 59
6.8
Interrupts
........................................... 161
2.7
Device and Development-Support Tool
6.9
External Memory Interface (EMIF)
................. 164
Nomenclature
....................................... 59
6.10
Universal Asynchronous Receiver/Transmitter
2.8
Documentation Support
............................. 61
(UART)
............................................. 173
3
Device Configurations
................................. 62
6.11
Inter-Integrated Circuit (I2C)
....................... 176
3.1
System Module Registers
........................... 62
6.12
Host-Port Interface (HPI) Peripheral
............... 180
3.2
Power Considerations
............................... 62
6.13
Multichannel Buffered Serial Port (McBSP)
........ 185
3.3
Clock Considerations
................................ 64
6.14
Multichannel Audio Serial Port (McASP0)
Peripheral
.......................................... 194
3.4
Boot Sequence
...................................... 66
6.15
Ethernet Media Access Controller (EMAC)
........ 202
3.5
Configurations At Reset
............................. 75
6.16
Management Data Input/Output (MDIO)
.......... 211
3.6
Configurations After Reset
.......................... 78
6.17
Timers
.............................................. 213
3.7
Multiplexed Pin Configurations
...................... 81
6.18
Peripheral Component Interconnect (PCI)
......... 215
3.8
Device Initialization Sequence After Reset
........ 112
6.19
Pulse Width Modulator (PWM)
..................... 220
3.9
Debugging Considerations
......................... 114
6.20
VLYNQ
............................................. 222
4
System Interconnect
................................. 116
6.21
General-Purpose Input/Output (GPIO)
............. 226
4.1
System Interconnect Block Diagram
............... 116
6.22
IEEE 1149.1 JTAG
................................. 230
5
Device Operating Conditions
....................... 118
5.1
Absolute Maximum Ratings Over Operating
7
Mechanical Data
....................................... 232
Temperature Range (Unless Otherwise Noted)
... 118
7.1
Thermal Data for GDU
............................. 233
5.2
Recommended Operating Conditions
............. 119
7.2
Packaging Information
............................. 233
5.3
Electrical Characteristics Over Recommended
Submit Documentation Feedback
Contents
5


Numéro de pièce similaire - SM320C6424-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SM320C6424-EP TI1-SM320C6424-EP Datasheet
2Mb / 236P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

Description similaire - SM320C6424-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com