Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100EPT21MNR4G Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MC100EPT21MNR4G
Description  3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT21MNR4G Fiches technique(HTML) 3 Page - ON Semiconductor

  MC100EPT21MNR4G Datasheet HTML 1Page - ON Semiconductor MC100EPT21MNR4G Datasheet HTML 2Page - ON Semiconductor MC100EPT21MNR4G Datasheet HTML 3Page - ON Semiconductor MC100EPT21MNR4G Datasheet HTML 4Page - ON Semiconductor MC100EPT21MNR4G Datasheet HTML 5Page - ON Semiconductor MC100EPT21MNR4G Datasheet HTML 6Page - ON Semiconductor MC100EPT21MNR4G Datasheet HTML 7Page - ON Semiconductor MC100EPT21MNR4G Datasheet HTML 8Page - ON Semiconductor MC100EPT21MNR4G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MC100EPT21
http://onsemi.com
3
Table 3. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
PECL Power Supply
GND = 0 V
3.8
V
VIN
PECL Input Voltage
GND = 0 V
VI  VCC
0 to 3.8
V
IBB
VBB Sink/Source
± 0.5
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
SO−8
SO−8
190
130
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
SO−8
41 to 44
°C/W
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
TSSOP−8
TSSOP−8
185
140
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
TSSOP−8
41 to 44
°C/W
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
DFN8
DFN8
129
84
°C/W
°C/W
Tsol
Wave Solder
Pb
Pb−Free
< 2 to 3 sec @ 248°C
<2 to 3 sec @ 260°C
265
265
°C
qJC
Thermal Resistance (Junction−to−Case)
(Note 2)
DFN8
35 to 40
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
2. JEDEC standard multilayer board − 2S2P (2 signal, 2 power)
Table 4. PECL INPUT DC CHARACTERISTICS VCC = 3.3 V, GND = 0.0 V (Note 3)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VIH
Input HIGH Voltage (Single−Ended)
2075
2420
2075
2420
2075
2420
mV
VIL
Input LOW Voltage (Single−Ended)
1355
1675
1355
1675
1355
1675
mV
VBB
Output Voltage Reference
1775
1875
1975
1775
1875
1975
1775
1875
1975
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 4)
1.2
3.3
1.2
3.3
1.2
3.3
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
−150
−150
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
3. Input parameters vary 1:1 with VCC.
4. VIHCMR min varies 1:1 with GND, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the
differential input signal.


Numéro de pièce similaire - MC100EPT21MNR4G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100EPT21MNR4G ONSEMI-MC100EPT21MNR4G Datasheet
83Kb / 8P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
More results

Description similaire - MC100EPT21MNR4G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100EPT21 ONSEMI-MC100EPT21_06 Datasheet
83Kb / 8P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT23 ONSEMI-MC100EPT23_06 Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
logo
Texas Instruments
SN65EPT23 TI-SN65EPT23 Datasheet
254Kb / 10P
[Old version datasheet]   3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
SN65EPT23 TI-SN65EPT23_10 Datasheet
402Kb / 12P
[Old version datasheet]   3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
logo
ON Semiconductor
MC100EPT23 ONSEMI-MC100EPT23_16 Datasheet
163Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
August, 2016 ??Rev. 19
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
logo
Micrel Semiconductor
SY89321L MICREL-SY89321L_08 Datasheet
48Kb / 5P
   3.3V DIFFERENTIAL LVPECL/CML/LVDS-to-LVTTL
logo
ON Semiconductor
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
MC100LVELT20 ONSEMI-MC100LVELT20_06 Datasheet
106Kb / 7P
   3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com