Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100EP195BFAG Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC100EP195BFAG
Description  3.3V ECL Programmable Delay Chip
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP195BFAG Fiches technique(HTML) 2 Page - ON Semiconductor

  MC100EP195BFAG Datasheet HTML 1Page - ON Semiconductor MC100EP195BFAG Datasheet HTML 2Page - ON Semiconductor MC100EP195BFAG Datasheet HTML 3Page - ON Semiconductor MC100EP195BFAG Datasheet HTML 4Page - ON Semiconductor MC100EP195BFAG Datasheet HTML 5Page - ON Semiconductor MC100EP195BFAG Datasheet HTML 6Page - ON Semiconductor MC100EP195BFAG Datasheet HTML 7Page - ON Semiconductor MC100EP195BFAG Datasheet HTML 8Page - ON Semiconductor MC100EP195BFAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
MC100EP195B
http://onsemi.com
2
32
31
30
29
28
27
26
25
9
10
11
12
1314
1516
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
Figure 1. 32−Lead QFN (Top View)
VBB
IN
D8
VEF
D9
D10
IN
VCF
VEE
D0
VCC
Q
Q
NC
VCC
VCC
Exposed Pad (EP)
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
16
VEE
D0
VCC
Q
Q
NC
VCC
VCC
VBB
IN
D8
VEF
D9
D10
IN
VCF
Figure 1. 32−Lead LQFP Pinout (Top View)
MC100EP195B
MC100EP195B


Numéro de pièce similaire - MC100EP195BFAG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100EP195BFAG ONSEMI-MC100EP195BFAG Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
More results

Description similaire - MC100EP195BFAG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
MC100EP195FA ONSEMI-MC100EP195FA Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
MC100EP196 ONSEMI-MC100EP196 Datasheet
146Kb / 20P
   3.3V ECL Programmable Delay Chip with FTUNE
October, 2004 ??Rev. 10
MC100EP196 ONSEMI-MC100EP196_06 Datasheet
215Kb / 18P
   3.3V ECL Programmable Delay Chip with FTUNE
November, 2006 ??Rev. 12
MC100EP196 ONSEMI-MC100EP196_14 Datasheet
151Kb / 19P
   3.3V ECL Programmable Delay Chip with FTUNE
June, 2014 ??Rev. 16
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
MC10E196 ONSEMI-MC10E196_06 Datasheet
158Kb / 12P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 9
MC10E195 ONSEMI-MC10E195_06 Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com