Moteur de recherche de fiches techniques de composants électroniques |
|
MC10LVEP11 Fiches technique(PDF) 5 Page - ON Semiconductor |
|
MC10LVEP11 Fiches technique(HTML) 5 Page - ON Semiconductor |
5 / 13 page MC10LVEP11, MC100LVEP11 www.onsemi.com 5 Table 6. 10LVEP DC CHARACTERISTICS, NECL (VCC = 0 V, VEE = −3.8 V to −2.375 V (Note 1)) Symbol Characteristic −40°C 25°C 85°C Unit Min Typ Max Min Typ Max Min Typ Max IEE Power Supply Current 25 33 40 29 33 40 32 34 42 mA VOH Output HIGH Voltage (Note 2) −1135 −1010 −885 −1070 −945 −820 −1010 −885 −760 mV VOL Output LOW Voltage (Note 2) −1935 −1760 −1635 −1870 −1695 −1570 −1810 −1635 −1510 mV VIH Input HIGH Voltage (Single-Ended) (Note 3) −1210 −885 −1145 −820 −1085 −760 mV VIL Input LOW Voltage (Single-Ended) (Note 3) −1935 −1610 −1870 −1545 −1810 −1485 mV VIHCMR Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 4) VEE+1.2 0.0 VEE+1.2 0.0 VEE+1.2 0.0 V IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current D D 0.5 −150 0.5 −150 0.5 −150 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 1. Input and output parameters vary 1:1 with VCC. 2. All loading with 50 W to VCC − 2.0 V. 3. Single-Ended input CLK pin operation is limited to VEE v −3.0 V in NECL mode. 4. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. Table 7. 100LVEP DC CHARACTERISTICS, PECL (VCC = 2.5 V, VEE = 0 V (Note 1)) Symbol Characteristic −40°C 25°C 85°C Unit Min Typ Max Min Typ Max Min Typ Max IEE Power Supply Current 25 35 42 29 38 46 32 41 50 mA VOH Output HIGH Voltage (Note 2) 1355 1480 1605 1355 1480 1605 1355 1480 1605 mV VOL Output LOW Voltage (Note 2) 555 730 900 555 730 900 555 730 900 mV VIH Input HIGH Voltage (Single-Ended) 1335 1620 1335 1620 1335 1620 mV VIL Input LOW Voltage (Single-Ended) 555 900 555 900 555 900 mV VIHCMR Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 3) 1.2 2.5 1.2 2.5 1.2 2.5 V IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current D D 0.5 −150 0.5 −150 0.5 −150 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 1. Input and output parameters vary 1:1 with VCC. VEE can vary +0.125 V to −1.3 V. 2. All loading with 50 W to VCC − 2.0 V. 3. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. Single-Ended input CLK pin operation is limited to VCC w 3.0 V in PECL mode. |
Numéro de pièce similaire - MC10LVEP11_16 |
|
Description similaire - MC10LVEP11_16 |