Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100EP016FAR2 Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce MC100EP016FAR2
Description  3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP016FAR2 Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button MC100EP016FAR2 Datasheet HTML 2Page - ON Semiconductor MC100EP016FAR2 Datasheet HTML 3Page - ON Semiconductor MC100EP016FAR2 Datasheet HTML 4Page - ON Semiconductor MC100EP016FAR2 Datasheet HTML 5Page - ON Semiconductor MC100EP016FAR2 Datasheet HTML 6Page - ON Semiconductor MC100EP016FAR2 Datasheet HTML 7Page - ON Semiconductor MC100EP016FAR2 Datasheet HTML 8Page - ON Semiconductor MC100EP016FAR2 Datasheet HTML 9Page - ON Semiconductor MC100EP016FAR2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC10EP016, MC100EP016
http://onsemi.com
6
100EP DC CHARACTERISTICS, NECL VCC = 0 V, VEE = –5.5 V to –3.0 V (Note 21)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current (Note 22)
120
160
200
120
160
200
120
160
200
mA
VOH
Output HIGH Voltage (Note 23)
–1145
–1020
–895
–1145
–1020
–895
–1145
–1020
–895
mV
VOL
Output LOW Voltage (Note 23)
–1945
–1820
–1695
–1945
–1820
–1695
–1945
–1820
–1695
mV
VIH
Input HIGH Voltage (Single–Ended)
–1225
–880
–1225
–880
–1225
–880
mV
VIL
Input LOW Voltage (Single–Ended)
–1945
–1625
–1945
–1625
–1945
–1625
mV
VBB
Output Voltage Reference
–1525
–1425
–1325
–1525
–1425
–1325
–1525
–1425
–1325
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 24)
VEE+2.0
0.0
VEE+2.0
0.0
VEE+2.0
0.0
V
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
0.5
0.5
0.5
µA
NOTE: EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
21. Input and output parameters vary 1:1 with VCC.
22. Required 500 lfpm air flow when using –5 V power supply. For (VCC – VEE) >3.3 V, 5 W to 10 W in line with VEE required for maximum thermal
protection at elevated temperatures. Recommend VCC–VEE operation at  3.3 V.
23. All loading with 50
W to VCC–2.0 volts.
24. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
AC CHARACTERISTICS VEE = –3.0 V to –5.5 V; VCC = 0 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 25)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fCOUNT
Maximum Frequency
Q, TC
COUT/COUT
> 1
> 800
> 1
> 800
> 1
> 800
GHz
MHz
tPLH
tPHL
Propagation Delay (10)
CLK to Q
(10)
MR to Q
(10)
CLK to TC
(10)
MR to TC
(10)
CLK to COUT
(10)
MR to COUT
(100)
CLK to Q
(100)
MR to Q
(100)
CLK to TC
(100)
MR to TC
(100) CLK to COUT
(100) MR to COUT
300
300
350
250
400
300
350
400
350
400
400
450
460
400
420
350
470
400
500
550
500
550
550
600
600
500
550
450
650
550
650
700
650
700
750
800
350
400
400
350
450
400
400
450
400
450
450
500
500
500
500
450
550
500
550
590
550
590
600
640
650
600
600
550
700
650
700
750
700
750
800
850
400
450
400
400
450
450
480
520
480
520
530
570
560
580
550
510
600
560
630
670
630
670
680
720
700
700
700
600
800
700
780
820
780
820
880
920
ps
tS
Setup Time
Pn
CE
PE
TCLD
100
500
500
500
–50
300
300
300
100
500
500
500
–50
300
300
300
100
500
500
500
–50
300
300
300
ps
tH
Hold Time
Pn
CE
PE
TCLD
100
500
500
500
–50
300
300
300
100
500
500
500
–50
300
300
300
100
500
500
500
–50
300
300
300
ps
tJITTER
Clock Random Jitter
(RMS >1000 Waveforms)
2.6
8.5
2.5
8.0
2.5
8.0
ps
tRR
Reset Recovery Time
200
80
200
80
200
80
ps
tPW
Minimum Pulse Width CLK, MR
550
300
550
300
550
300
ps
tr
tf
Output Rise/Fall Times
20% – 80%
120
210
320
120
220
320
150
250
450
ps
25. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50
W to VCC–2.0 V.


Numéro de pièce similaire - MC100EP016FAR2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100EP016FAR2 ONSEMI-MC100EP016FAR2 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC100EP016FAR2 ONSEMI-MC100EP016FAR2 Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
MC100EP016FAR2G ONSEMI-MC100EP016FAR2G Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com