Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


MAX1126 Datasheet(Fiches technique) 4 Page - Maxim Integrated Products

Numéro de pièce MAX1126
Description  Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
Télécharger  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  http://www.maxim-ic.com
Logo 

 
 4 page
background image
Quad, 12-Bit, 40Msps, 1.8V ADC with
Serial LVDS Outputs
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = 1.8V, OVDD = 1.8V, CVDD = 1.8V, GND = 0, external VREFIO = 1.24V, INTREF = AVDD, CREFIO to GND = 0.1µF,
fCLK = 40MHz (50% duty cycle), DT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25
°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input at GND
5
Input Leakage
DIIN
Input at AVDD
80
µA
Input Capacitance
DCIN
5pF
DIGITAL INPUTS (PLL_, LVDSTEST, DT, SLVS/
LVDS, PD_, PDALL, T/B)
Input High Threshold
VIH
0.8 x
AVDD
V
Input Low Threshold
VIL
0.2 x
AVDD
V
Input at GND, except PLL2 and PLL3
5
Input at AVDD, except PLL2 and PLL3
80
Input Leakage
DIIN
PLL2 and PLL3 only
200
µA
Input Capacitance
DCIN
5pF
LVDS OUTPUTS (OUT_P, OUT_N, SLVS/
LVDS = 0
Differential Output Voltage
VOHDIFF
RTERM = 100
250
450
mV
Output Common-Mode Voltage
VOCM
RTERM = 100
1.125
1.375
V
Rise Time (20% to 80%)
tR
RTERM = 100
Ω, CLOAD = 5pF
150
ps
Fall Time (80% to 20%)
tF
RTERM = 100
Ω, CLOAD = 5pF
150
ps
SLVS OUTPUTS (OUT_P, OUT_N, CLKOUTP, CLKOUTN, FRAMEP, FRAMEN), SLVS/
LVDS = 1, DT = 1
Differential Output Voltage
VOHDIFF
RTERM = 100
240
mV
Output Common-Mode Voltage
VOCM
RTERM = 100
220
mV
Rise Time (20% to 80%)
tR
RTERM = 100
Ω, CLOAD = 5pF
120
ps
Fall Time (80% to 20%)
tF
RTERM = 100
Ω, CLOAD = 5pF
120
ps
POWER-DOWN
PD Fall to Output Enable
tENABLE
132
µs
PD Rise to Output Disable
tDISABLE
10
ns
POWER REQUIREMENTS
AVDD Supply Voltage
AVDD
1.7
1.8
1.9
V
OVDD Supply Voltage
OVDD
1.7
1.8
1.9
V
CVDD Supply Voltage
CVDD
1.7
1.8
3.6
V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
MAX1127Quad 12-Bit 65Msps 1.8V ADC with Serial LVDS Outputs 1 2 3 4 5 MoreMaxim Integrated Products
MAX1437Octal 12-Bit 50Msps 1.8V ADC with Serial LVDS Outputs 1 2 3 4 5 MoreMaxim Integrated Products
ADS52404-Channel 12-Bit 40MSPS ADC with Serial LVDS Interface 1 2 3 4 5 MoreBurr-Brown (TI)
ADS52708-Channel 12-Bit 40MSPS ADC with Serial LVDS Interface 1 2 3 4 5 MoreBurr-Brown (TI)
ADS52758-Channel 10-Bit 40MSPS ADC with Serial LVDS Interface 1 2 3 4 5 MoreTexas Instruments
ADS552512-BIT 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS 1 2 3 4 5 MoreTexas Instruments
ADC12QS065Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
ADS52718-Channel 12-Bit 50MSPS ADC with Serial LVDS Interface 1 2 3 4 5 MoreBurr-Brown (TI)
ADS52728-Channel 12-Bit 65MSPS ADC with Serial LVDS Interface 1 2 3 4 5 MoreBurr-Brown (TI)
LTC1402Serial 12-Bit 2.2Msps Sampling ADC with Shutdown 1 2 3 4 5 MoreLinear Technology

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl