Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD13385F5T Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD13385F5T
Description  12-V N-Channel FemtoFET MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CSD13385F5T Fiches technique(HTML) 6 Page - Texas Instruments

Back Button CSD13385F5T Datasheet HTML 2Page - Texas Instruments CSD13385F5T Datasheet HTML 3Page - Texas Instruments CSD13385F5T Datasheet HTML 4Page - Texas Instruments CSD13385F5T Datasheet HTML 5Page - Texas Instruments CSD13385F5T Datasheet HTML 6Page - Texas Instruments CSD13385F5T Datasheet HTML 7Page - Texas Instruments CSD13385F5T Datasheet HTML 8Page - Texas Instruments CSD13385F5T Datasheet HTML 9Page - Texas Instruments CSD13385F5T Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TA - Ambient Temperature (°C)
-50
-25
0
25
50
75
100
125
150
175
0
1
2
3
4
5
6
D012
VDS - Drain-to-Source Voltage (V)
0.1
1
10
100
0.1
1
10
100
D010
100 ms
10 ms
1 ms
100 µs
TAV - Time in Avalanche (ms)
0.01
0.1
1
1
10
100
D011
D010
TC = 25qC
TC = 125qC
6
CSD13385F5
SLPS612 – OCTOBER 2016
www.ti.com
Product Folder Links: CSD13385F5
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical MOSFET Characteristics (continued)
TA = 25°C (unless otherwise stated)
Single pulse, typical RθJA = 290°C/W
Figure 10. Maximum Safe Operating Area (SOA)
Figure 11. Single Pulse Unclamped Inductive Switching
Typical RθJA = 245°C/W
Figure 12. Maximum Drain Current vs Temperature


Numéro de pièce similaire - CSD13385F5T

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD13380F3T TI1-CSD13380F3T Datasheet
1Mb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
[Old version datasheet]   12 V, N-Channel FemtoFET??MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
572Kb / 9P
[Old version datasheet]   CSD13381F4, 12 V N-Channel FemtoFET MOSFET
CSD13381F4T TI1-CSD13381F4T Datasheet
565Kb / 9P
[Old version datasheet]   12 V, N-Channel FemtoFET??MOSFET
More results

Description similaire - CSD13385F5T

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
[Old version datasheet]   12 V, N-Channel FemtoFET??MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD13383F4 TI-CSD13383F4_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD13383F4 12 V N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
572Kb / 9P
[Old version datasheet]   CSD13381F4, 12 V N-Channel FemtoFET MOSFET
CSD23285F5 TI1-CSD23285F5 Datasheet
1Mb / 14P
[Old version datasheet]   12-V, P-Channel FemtoFET MOSFET
CSD23382F4 TI1-CSD23382F4 Datasheet
761Kb / 13P
[Old version datasheet]   12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4_16 Datasheet
801Kb / 13P
[Old version datasheet]   12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4 Datasheet
786Kb / 12P
[Old version datasheet]   CSD23381F4, 12 V P-Channel FemtoFET MOSFET
CSD23382F4 TI-CSD23382F4_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD23382F4 12 V P-Channel FemtoFET MOSFET
CSD17483F4 TI1-CSD17483F4_13 Datasheet
583Kb / 12P
[Old version datasheet]   30 V, N-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com