Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD39001EKV-C Fiches technique(PDF) 6 Page - Rohm

No de pièce BD39001EKV-C
Description  Buck-Boost Switching Regulator Watch Dog Timer
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD39001EKV-C Fiches technique(HTML) 6 Page - Rohm

Back Button BD39001EKV-C Datasheet HTML 2Page - Rohm BD39001EKV-C Datasheet HTML 3Page - Rohm BD39001EKV-C Datasheet HTML 4Page - Rohm BD39001EKV-C Datasheet HTML 5Page - Rohm BD39001EKV-C Datasheet HTML 6Page - Rohm BD39001EKV-C Datasheet HTML 7Page - Rohm BD39001EKV-C Datasheet HTML 8Page - Rohm BD39001EKV-C Datasheet HTML 9Page - Rohm BD39001EKV-C Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
6/52
Datasheet
Datasheet
BD39001EKV-C
© 2014 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
Apr.7.2014 Rev.001
TSZ02201-0T3T0AM00120-1-2
Electrical Characteristic - Continued
Parameter
Symbol
Limits
Unit
Condition
Min
Typ
Max
DC / DC2
(Secondary DC / DC)
Output Voltage 2
VO2
3.23
3.30
3.37
V
Under voltage detection voltage
VRST2
3.00
3.07
3.14
V
Under voltage hysteresis voltage
VRSTH2
20
-
80
mV
Soft Start Charge Current
ISS2
5
10
15
μA
SS2 = 0.2 V
Soft Start end voltage 2
VSS2
0.6
0.8
1.0
V
SW2 ON - Resistance H
RONH2
-
0.3
0.6
SW2 ON - Resistance L
RONL2
-
0.3
0.6
EN2 Threshold Voltage
VEN2
0.6
0.8
1.0
V
EN2 Charge Current
IEN2
4
8
12
μA
EN2 = 0.2 V
UVLO_VS2 Detection Voltage
VUVLOVS2
3.5
3.9
4.3
V
UVLO_VS2 Hysteresis Voltage
VUVVS2HYS
0.2
0.35
0.5
V
LDO
(5.0 V Output LDO)
Output Voltage 3
VO3
4.90
5.00
5.10
V
6.0 V
≤ VS3 ≤ 10 V,
5 mA
≤ IVO3≤ 600 mA
Drop Voltage
ΔVO3
-
-
0.6
V
VS3 = 4.65 V, IVO3 = 600 mA
Under voltage detection voltage
VRST3
4.50
4.625
4.75
V
Under voltage hysteresis voltage
VRSTH3
30
-
150
mV
VCC UVLO - LDO LVD
difference voltage
ΔVLVD3
0.7
0.9
1.5
V
VULOVVCC2 - VRST3
EN3 Threshold Voltage
VEN3
0.6
0.8
1.0
V
EN3 Charge Current
IEN3
4
8
12
μA
EN3 = 0.2 V
UVLO_VS3 Detection Voltage
VUVLOVS3
3.5
3.9
4.3
V
UVLO_VS3 Hysteresis Voltage
VUVVS3HYS
0.2
0.35
0.5
V
VS3 Over voltage detection voltage
VOVVS
12.5
14
15.5
V


Numéro de pièce similaire - BD39001EKV-C

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD39002EFV-C ROHM-BD39002EFV-C Datasheet
1Mb / 47P
   Buck-Boost Switching Regulator Watch Dog Timer
BD39002EFV-CE2 ROHM-BD39002EFV-CE2 Datasheet
1Mb / 47P
   Buck-Boost Switching Regulator Watch Dog Timer
More results

Description similaire - BD39001EKV-C

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD39002EFV-C ROHM-BD39002EFV-C Datasheet
1Mb / 47P
   Buck-Boost Switching Regulator Watch Dog Timer
logo
Analog Microelectronics
AME8510 AME-AME8510 Datasheet
65Kb / 10P
   Micropower uP Watch Dog Timer
AME8510 AME-AME8510 Datasheet
183Kb / 13P
   Micropower UP Watch Dog Timer
logo
Fujitsu Component Limit...
MB3773 FUJITSU-MB3773 Datasheet
601Kb / 29P
   Power Supply Monitor with Watch-Dog Timer
logo
Cypress Semiconductor
MB3773 CYPRESS-MB3773 Datasheet
695Kb / 31P
   Power Supply Monitor with Watch-Dog Timer
logo
Mitsumi Electronics, Co...
MM1099 MITSUMI-MM1099 Datasheet
171Kb / 7P
   System Reset (Built-in Watch Dog Timer)
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
   Buck-Boost Regulator
Rev. D, 03-Aug-09
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
   Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
   Buck-Boost Regulator
02-Oct-12
logo
Texas Instruments
MC33063A-Q1 TI-MC33063A-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com