Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD39001EKV-C Fiches technique(PDF) 1 Page - Rohm

No de pièce BD39001EKV-C
Description  Buck-Boost Switching Regulator Watch Dog Timer
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD39001EKV-C Fiches technique(HTML) 1 Page - Rohm

  BD39001EKV-C Datasheet HTML 1Page - Rohm BD39001EKV-C Datasheet HTML 2Page - Rohm BD39001EKV-C Datasheet HTML 3Page - Rohm BD39001EKV-C Datasheet HTML 4Page - Rohm BD39001EKV-C Datasheet HTML 5Page - Rohm BD39001EKV-C Datasheet HTML 6Page - Rohm BD39001EKV-C Datasheet HTML 7Page - Rohm BD39001EKV-C Datasheet HTML 8Page - Rohm BD39001EKV-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
○P
© 2
ww
TSZ
Po
B
S
W
B
Ge
Fe
Ap
Ty
Product structure
2014 ROHM Co
ww.rohm.com
Z22111・14・0
ower Mana
Buck-B
Step-do
Watch
BD39001EK
eneral Descr
BD39001E
buck-boost
secondary
LDO, reset
The BD390
as Under vo
eatures
Automa
regulato
input
3.3 V fix
regulato
5 V fixe
Configu
Over C
DC / DC
DC / DC
LDO: In
Over vo
Reset fo
Window
HTQFP
pplications
Microco
pical Applic
VO1
VO2
VO1
Simplified Circ
e: Silicon mono
o., Ltd. All rights
001
agement I
Boost S
own S
Dog T
KV-C
ription
KV-C is a
t switching re
step-down sw
and WDT.
001EKV-C inc
oltage, Over v
atically control
or with 40 V ra
xed output sec
or with built-in
ed output seco
urable Sequen
urrent protecti
C1: Adjustable
C2: Integrated
ntegrated
oltage / Under
or LDO, DC /
w Watchdog T
P48V package
ontroller for Au
cation Circu
EN1
VREG
RT
SS1
FB1
COMP1
SS2
FB2
COMP2
EN2
VS3
EN3
SEQ2
SEQ3
ENWD
CLK
RTW
VCC
SEL_UVLO
GND
Buck-Boost S
+ Secondar
+ Secondar
cuit1
olithic integrated
reserved.
C for Auto
Switch
Switch
Timer
power mana
gulator contro
witching regul
cludes protect
voltage, Over
led buck-boos
ated VCC, DC /
condary step-
FET
ondary LDO
nce control
ion
e voltage with
d
r voltage detec
DC2 and WDT
imer
utomotive
it
CL
OUTH
VL
VDD
OUTL
PGND1
VS2
SW2
PGND2
VO3
CT
RST2#
RSTWD#
PG1
PG2
PG3
RST3#
Switching Reg
ry Switching R
ry LDO
circuit
○This
omotive M
hing R
ing Re
gement IC w
oller (DC / DC
ator (DC / DC
ion circuits, s
current and TS
st switching
/ DC2 and LD
down switchin
external resis
ction
T
gulator
Regulator
s product is not
1/52
Microcontr
Regula
egulat
with
C1),
C2),
such
SD.
O
ng
stors
Key
Pac
VO1
VO2
VO3
Si
designed for pro
roller
ator +
tor + R
y Specificatio
Input voltage
(St
Output volta
Buck-
Secon
Secon
Reference v
Buck-
Secon
Secon
Oscillation fr
Max output c
Secon
Secon
Stand-by Cu
Operating te
AEC-Q100 Q
kage
HTQFP48V
mplified Circu
Buc
+ S
+ S
otection against
TSZ0
LDO +
Reset +
ons
e range
tartup voltage
ge
-Boost DC / D
ndary DC / DC
ndary LDO
oltage accura
-Boost DC / D
ndary DC / DC
ndary LDO
requency
current
ndary Buck DC
ndary LDO
urrent
emperature ran
Qualified
W
9.0
it2
k Switching R
Secondary Sw
Secondary LD
t radioactive ray
Data
Apr.7
02201-0T3T0
+
+
e needs to be
DC1 FB Voltag
C2
acy
DC1 FB Voltag
C2
2
C / DC2
nge
-4
W (Typ) × D (T
00 mm × 9.00
Regulator
witching Regul
O
ys
Datasheet
.2014 Rev.00
0AM00120-1
4.0 V to 30 V
e above 4.5V
e
0.8 V
3.3 V
5.0 V
e
±2 %
±2 %
±2 %
200 to 550 kH
900 mA
600 mA
0
μA (Typ
40 °C to 125 °C
Typ) × H (Max
mm × 1.00 mm
ator
eet
01
1-2
V
V.)
V
V
V
%
%
%
Hz
A
A
p)
C
x)
m


Numéro de pièce similaire - BD39001EKV-C

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD39002EFV-C ROHM-BD39002EFV-C Datasheet
1Mb / 47P
   Buck-Boost Switching Regulator Watch Dog Timer
BD39002EFV-CE2 ROHM-BD39002EFV-CE2 Datasheet
1Mb / 47P
   Buck-Boost Switching Regulator Watch Dog Timer
More results

Description similaire - BD39001EKV-C

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD39002EFV-C ROHM-BD39002EFV-C Datasheet
1Mb / 47P
   Buck-Boost Switching Regulator Watch Dog Timer
logo
Analog Microelectronics
AME8510 AME-AME8510 Datasheet
65Kb / 10P
   Micropower uP Watch Dog Timer
AME8510 AME-AME8510 Datasheet
183Kb / 13P
   Micropower UP Watch Dog Timer
logo
Fujitsu Component Limit...
MB3773 FUJITSU-MB3773 Datasheet
601Kb / 29P
   Power Supply Monitor with Watch-Dog Timer
logo
Cypress Semiconductor
MB3773 CYPRESS-MB3773 Datasheet
695Kb / 31P
   Power Supply Monitor with Watch-Dog Timer
logo
Mitsumi Electronics, Co...
MM1099 MITSUMI-MM1099 Datasheet
171Kb / 7P
   System Reset (Built-in Watch Dog Timer)
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
   Buck-Boost Regulator
Rev. D, 03-Aug-09
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
   Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
   Buck-Boost Regulator
02-Oct-12
logo
Texas Instruments
MC33063A-Q1 TI-MC33063A-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com