Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD9015KV-M Fiches technique(PDF) 9 Page - Rohm

No de pièce BD9015KV-M
Description  2ch Synchronous Rectification Step-Down Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD9015KV-M Fiches technique(HTML) 9 Page - Rohm

Back Button BD9015KV-M Datasheet HTML 5Page - Rohm BD9015KV-M Datasheet HTML 6Page - Rohm BD9015KV-M Datasheet HTML 7Page - Rohm BD9015KV-M Datasheet HTML 8Page - Rohm BD9015KV-M Datasheet HTML 9Page - Rohm BD9015KV-M Datasheet HTML 10Page - Rohm BD9015KV-M Datasheet HTML 11Page - Rohm BD9015KV-M Datasheet HTML 12Page - Rohm BD9015KV-M Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Datasheet
Datasheet
9/27
BD9015KV-M BD9016KV-M
TSZ02201-0T1T0PB00040-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.co.jp
TSZ22111・15・001
22 .JUL.2013 Rev.001
Typical Performance Curves
0
10
20
30
40
50
60
70
80
90
100
0.00.5
1.01.5
2.02.5
3.03.54.0
LOAD CURRENT : [A]
Upper: 5V output
Below: 3.3V output
792
794
796
798
800
802
804
806
808
-40
-20
0
20406080
100
AMBIENT TEMPERATURE : Ta[℃]
VCC = 12 V
FOSC = 350 kHz
Ta = 25°C
Figure 5. Shutdown Current
Figure 4. Efficiency
Figure 6. Curcuit Current
Figure 7. Reference Voltage vs. Temperature
Characteristics
0
2
4
6
8
10
-40
-20
0
20406080
100
AMBIENT TEMPERATURE : Ta[°C]
0
1
2
3
4
5
6
7
8
9
10
0
102030
INPUT VOLTAGE : VIN[V]


Numéro de pièce similaire - BD9015KV-M

FabricantNo de pièceFiches techniqueDescription
logo
Power Innovations Ltd
BD901 POINN-BD901 Datasheet
115Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BD901 BOURNS-BD901 Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Savantic, Inc.
BD901 SAVANTIC-BD901 Datasheet
101Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BD901 ISC-BD901 Datasheet
134Kb / 3P
   Silicon NPN Power Transistors
logo
Continental Device Indi...
BD901 CDIL-BD901 Datasheet
86Kb / 3P
   DARLINGTON PLASTIC POWER TRANSISTORS
More results

Description similaire - BD9015KV-M

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
   Adjustable step-down controller with synchronous rectification
L6910 STMICROELECTRONICS-L6910_05 Datasheet
682Kb / 29P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
   Adjustable step-down controller with synchronous rectification
L6730C STMICROELECTRONICS-L6730C Datasheet
1Mb / 50P
   Adjustable step-down controller with synchronous rectification
L6732_0906 STMICROELECTRONICS-L6732_0906 Datasheet
823Kb / 36P
   Adjustable step-down controller with synchronous rectification
L6732 STMICROELECTRONICS-L6732 Datasheet
794Kb / 33P
   Adjustable step-down controller with synchronous rectification
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6730 STMICROELECTRONICS-L6730_09 Datasheet
1Mb / 52P
   Adjustable step-down controller with synchronous rectification
L6911E STMICROELECTRONICS-L6911E Datasheet
152Kb / 20P
   5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com