Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3671MFX-1.25 Fiches technique(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM3671MFX-1.25
Description  2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3671MFX-1.25 Fiches technique(HTML) 11 Page - National Semiconductor (TI)

Back Button LM3671MFX-1.25 Datasheet HTML 7Page - National Semiconductor (TI) LM3671MFX-1.25 Datasheet HTML 8Page - National Semiconductor (TI) LM3671MFX-1.25 Datasheet HTML 9Page - National Semiconductor (TI) LM3671MFX-1.25 Datasheet HTML 10Page - National Semiconductor (TI) LM3671MFX-1.25 Datasheet HTML 11Page - National Semiconductor (TI) LM3671MFX-1.25 Datasheet HTML 12Page - National Semiconductor (TI) LM3671MFX-1.25 Datasheet HTML 13Page - National Semiconductor (TI) LM3671MFX-1.25 Datasheet HTML 14Page - National Semiconductor (TI) LM3671MFX-1.25 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Operation Description (Continued)
During PFM operation, the converter positions the output
voltage slightly higher than the nominal output voltage during
PWM operation, allowing additional headroom for voltage
drop during a load transient from light to heavy load. The
PFM comparators sense the output voltage via the feedback
pin and control the switching of the output FETs such that the
output voltage ramps between ~0.6% and ~1.7% above the
nominal PWM output voltage. If the output voltage is below
the ‘high’ PFM comparator threshold, the PMOS power
switch is turned on. It remains on until the output voltage
reaches the ‘high’ PFM threshold or the peak current ex-
ceeds the I
PFM level set for PFM mode. The typical peak
current in PFM mode is: I
PFM = 112mA + VIN/27
Ω .
Once the PMOS power switch is turned off, the NMOS
power switch is turned on until the inductor current ramps to
zero. When the NMOS zero-current condition is detected,
the NMOS power switch is turned off. If the output voltage is
below the ‘high’ PFM comparator threshold (see Figure 7),
the PMOS switch is again turned on and the cycle is re-
peated until the output reaches the desired level. Once the
output reaches the ‘high’ PFM threshold, the NMOS switch is
turned on briefly to ramp the inductor current to zero and
then both output switches are turned off and the part enters
an extremely low power mode. Quiescent supply current
during this ‘sleep’ mode is 16µA (typ), which allows the part
to achieve high efficiencies under extremely light load con-
ditions. When the output drops below the ‘low’ PFM thresh-
old, the cycle repeats to restore the output voltage (average
voltage in pfm mode) to
∼1.15% above the nominal PWM
output voltage.
If the load current should increase during PFM mode (see
Figure 7) causing the output voltage to fall below the ‘low2’
PFM threshold, the part will automatically transition into
fixed-frequency PWM mode. When V
IN =2.8V the part tran-
sitions from PWM to PFM mode at ~35mA output current
and from PFM to PWM mode at ~85mA , when V
IN=3.6V,
PWM to PFM transition happens at ~50mA and PFM to
PWM transition happens at ~100mA, when V
IN =4.5V, PWM
to PFM transition happens at ~65mA and PFM to PWM
transition happens at ~115mA.
SHUTDOWN MODE
Setting the EN input pin low (<0.4V) places the LM3671 in
shutdown mode. During shutdown the PFET switch, NFET
switch, reference, control and bias circuitry of the LM3671
are turned off. Setting EN high (>1.0V) enables normal
operation. While turning on the device with EN, soft start is
activated. It is recommended to set EN pin low to turn off the
LM3671 during system power up and undervoltage condi-
20108422
FIGURE 6. Typical PFM Operation
20108403
FIGURE 7. Operation in PFM Mode and Transfer to PWM Mode
www.national.com
11


Numéro de pièce similaire - LM3671MFX-1.25

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3671MFX-1.25 NSC-LM3671MFX-1.25 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671MFX-1.25 NSC-LM3671MFX-1.25 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671MFX-1.25 TI1-LM3671MFX-1.25 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671MFX-1.25/NOPB TI1-LM3671MFX-1.25/NOPB Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671MFX-1.25/NOPB TI1-LM3671MFX-1.25/NOPB Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
More results

Description similaire - LM3671MFX-1.25

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674_0609 NSC-LM3674_0609 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3671 TI1-LM3671 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671MF-12 TI1-LM3671MF-12 Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3674 TI1-LM3674 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
logo
National Semiconductor ...
LM3676 NSC-LM3676 Datasheet
5Mb / 20P
   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
Texas Instruments
LM3676 TI1-LM3676_14 Datasheet
3Mb / 23P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com