Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2710MT-ADJ Fiches technique(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM2710MT-ADJ
Description  Step-up PWM DC/DC Converter Integrated with 5 Buffers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2710MT-ADJ Fiches technique(HTML) 5 Page - National Semiconductor (TI)

  LM2710MT-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LM2710MT-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LM2710MT-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LM2710MT-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LM2710MT-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LM2710MT-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM2710MT-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM2710MT-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM2710MT-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN
-0.3V to 7.5V
V
SW Voltage
-0.3V to 18V
FB Voltage
-0.3V to 7V
V
C Voltage
0.965V to 1.565V
SHDN Voltage
-0.3V to V
IN
FSLCT Voltage
AGND to V
IN
Supply Voltage, Vs+
-0.3V to 12V
Buffer Input Voltage
Rail-to-Rail
Buffer Output Voltage
Rail-to-Rail
ESD Ratings
(Note 3)
Human Body Model
2kV
Machine Model
200V
Operating Conditions
Operating Temperature
−40˚C to +125˚C
Storage Temperature
−65˚C to +150˚C
Supply Voltage, V
IN
2.2V to 7.5V
V
SW Voltage
17V
Supply Vcom Buffer, Vs+
4V to 12V
Supply Gamma Buffer, Vs+
4V to 12V
Electrical Characteristics
Specifications in standard type face are for T
J = 25˚C and those with boldface type apply over the full Operating Tempera-
ture Range (T
J = −40˚C to +125˚C). Unless otherwise specified, VIN =2.2V and Vs+ = 8V, Rox = 50
Ω, Cox = 1nF.
Switching Regulator
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Units
I
Q
Quiescent Current
Not Switching, FSCLT = 0V
1.6
2
mA
Not Switching, FSCLT = V
IN
1.65
2.2
Switching, FSCLT = 0V
2.5
3
Switching, FSCLT = V
IN
3.4
4
Shutdown mode
6
15
µA
V
FB
Feedback Voltage
1.239
1.265
1.291
V
%V
FB/
∆V
IN
Feedback Voltage Line
Regulation
0.03
0.05
%/V
I
CL
Switch Current Limit
(Note 6)
V
IN = 2.5V, VOUT =8V
1.4
A
R
DSON
Switch R
DSON (Note 7)
V
IN = 2.7V
170
m
I
B
FB Pin Bias Current(Note 8)
30
90
nA
V
IN
Input Voltage Range
2.2
7.5
V
I
SS
Soft Start Current
5
11
15
µA
T
SS
Internal Soft Start Ramp
Time
FSLCT = 0V
6.7
10
mS
g
m
Error Amp Transconductance
∆I = 5µA
60
135
250
µmho
A
V
Error Amp Voltage Gain
135
V/V
D
MAX
Maximum Duty Cycle
78
85
%
f
S
Switching Frequency
FSLCT = 0V
500
600
700
kHz
FSLCT = V
IN
0.9
1.25
1.5
MHz
I
L
Switch Leakage Current
V
SW = 17V
0.185
20
µA
SHDN
SHDN Threshold
Output High
0.85
0.6
V
Output Low
0.6
0.3
V
I
SHDN
Shutdown Pin Current
0V
≤ SHDN ≤ V
IN
0.5
1
µA
UVP
On Threshold
1.8
1.9
2
V
Off Threshold
1.7
1.8
1.9
V
Hysteresis
100
mV
www.national.com
5


Numéro de pièce similaire - LM2710MT-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
LM271 SEOUL-LM271 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM271 SEOUL-LM271 Datasheet
360Kb / 13P
   CYAN LAMP LED
LM271 SEOUL-LM271 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM271 SEOUL-LM271 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM271 SEOUL-LM271 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Description similaire - LM2710MT-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3211 NSC-LM3211 Datasheet
821Kb / 21P
   Step-up PWM DC/DC Converter Integrated with 4 Buffers
logo
RICOH electronics devic...
R1210N302C RICOH-R1210N302C Datasheet
217Kb / 20P
   SOT23-5 PWM Step-up DC/DC Converter?
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
   PWM STEP-UP DC-DC CONVERTER
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
   PWM Step-Up DC-DC Converter
logo
RICOH electronics devic...
R1210N301C RICOH-R1210N301C Datasheet
179Kb / 18P
   PWM Step-up DC/DC Converter
RH5RH301A RICOH-RH5RH301A Datasheet
199Kb / 29P
   PWM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1912 A-POWER-APE1912 Datasheet
83Kb / 7P
   STEP-UP PWM DC/DC CONVERTER
logo
SHOUDING Shouding Semic...
SDB842X SHOUDING-SDB842X Datasheet
1Mb / 7P
   PWM Step-Up DC-DC Converter
logo
Maxim Integrated Produc...
MAX618 MAXIM-MAX618 Datasheet
204Kb / 14P
   28V, PWM, Step-Up DC-DC Converter
Rev 0; 6/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com