Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M9330A Fiches technique(PDF) 11 Page - Keysight Technologies

No de pièce M9330A
Description  Arbitrary Waveform Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEYSIGHT [Keysight Technologies]
Site Internet  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9330A Fiches technique(HTML) 11 Page - Keysight Technologies

Back Button M9330A Datasheet HTML 4Page - Keysight Technologies M9330A Datasheet HTML 5Page - Keysight Technologies M9330A Datasheet HTML 6Page - Keysight Technologies M9330A Datasheet HTML 7Page - Keysight Technologies M9330A Datasheet HTML 8Page - Keysight Technologies M9330A Datasheet HTML 9Page - Keysight Technologies M9330A Datasheet HTML 10Page - Keysight Technologies M9330A Datasheet HTML 11Page - Keysight Technologies M9330A Datasheet HTML 12Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
011
Keysight M9330A Arbitrary Waveform Generator
ORDERING INFORMATION
Figure 11. Keysight M9330A AWG with controller in PXI chassis.
Model
Description
M9330A
Arbitrary waveform generator with 8 MS
memory per channel
Option
Description
M9330A-M16
Waveform memory expansion to 16 MS
memory per channel
M9330A-300
Enabling software for 16-bit dynamic
sequencing
M9330A-330
Direct digital synthesis software
M9330A-350
Function generator software
NOTE: For the M9330A to work properly, at least one PXI chassis
and one PXI controller type must be available.
Web resources
Visit our web sites for additional product information
and literature.
M9330A arbitrary waveform generator
w w w
Signal simulation systems
w w w
Aerospace and defense test and measurement products
and services
w w w
Test and measurement accessories
w w w.keysight.com/find/accessories
N8241A/N8242A arbitrary waveform generator synthetic
instrument modules
www.keysight.com/find/synthetic


Numéro de pièce similaire - M9330A

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
M9336A KEYSIGHT-M9336A Datasheet
6Mb / 25P
   M9336A PXIe I/Q Arbitrary Waveform Generator
M9336A-001 KEYSIGHT-M9336A-001 Datasheet
6Mb / 25P
   M9336A PXIe I/Q Arbitrary Waveform Generator
M9336A-B12 KEYSIGHT-M9336A-B12 Datasheet
6Mb / 25P
   M9336A PXIe I/Q Arbitrary Waveform Generator
M9336A-B50 KEYSIGHT-M9336A-B50 Datasheet
6Mb / 25P
   M9336A PXIe I/Q Arbitrary Waveform Generator
More results

Description similaire - M9330A

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
N8241A KEYSIGHT-N8241A Datasheet
1Mb / 13P
   Arbitrary Waveform Generator
logo
Logic Fruit Technologie...
AWG LFTECH-AWG Datasheet
483Kb / 3P
   Arbitrary Waveform Generator
logo
Keysight Technologies
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
E1441A KEYSIGHT-E1441A Datasheet
157Kb / 4P
   Arbitrary Waveform Generator
M8190A KEYSIGHT-M8190A Datasheet
8Mb / 41P
   Arbitrary Waveform Generator
logo
Agilent(Hewlett-Packard...
33250A HP-33250A Datasheet
103Kb / 4P
   Function/Arbitrary Waveform Generator
logo
Keysight Technologies
33250A KEYSIGHT-33250A Datasheet
440Kb / 5P
   Function/Arbitrary Waveform Generator
logo
List of Unclassifed Man...
DG4000 ETC-DG4000 Datasheet
2Mb / 10P
   Function/Arbitrary Waveform Generator
November 2015
logo
Keysight Technologies
M8195S KEYSIGHT-M8195S Datasheet
3Mb / 22P
   GSa/s Arbitrary Waveform Generator
logo
Agilent(Hewlett-Packard...
33220A HP-33220A Datasheet
216Kb / 5P
   20 MHz Function/Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com