Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2901PT Fiches technique(PDF) 9 Page - Rohm

No de pièce LM2901PT
Description  SIGNATURE SERIES Comparators
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

LM2901PT Fiches technique(HTML) 9 Page - Rohm

Back Button LM2901PT Datasheet HTML 5Page - Rohm LM2901PT Datasheet HTML 6Page - Rohm LM2901PT Datasheet HTML 7Page - Rohm LM2901PT Datasheet HTML 8Page - Rohm LM2901PT Datasheet HTML 9Page - Rohm LM2901PT Datasheet HTML 10Page - Rohm LM2901PT Datasheet HTML 11Page - Rohm LM2901PT Datasheet HTML 12Page - Rohm LM2901PT Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR0G200530-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
9/34
6.July.2015 Rev.001
TSZ22111・15・001
LM393xxx
LM2903xx
LM339xx
LM2901xx
Typical Performance Curves
LM393xxx/LM2903xx
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
LM393:-40°C to +85°C LM2903:-40°C to +125°C
Figure 3. Supply Current vs Supply Voltage
Figure 4. Supply Current vs Ambient Temperature
Figure 2. Power Dissipation vs Ambient Temperature
(Derating Curve)
Figure 5. Output Saturation Voltage vs Supply Voltage
(ISINK=4mA)
0.0
0.2
0.4
0.6
0.8
1.0
0
255075
100
125
150
Ambient Temperature [°C]
LM393PT
LM393WPT
LM2903PT
LM2903DT
LM393DT
LM393WDT
LM393ST
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
10
203040
Supply Voltage [V]
25°C
125°C
-40°C
85°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100 125 150
Ambient Temperature [°C]
2V
5V
36V
0
50
100
150
200
0
1020
3040
Supply Voltage [V]
-40°C
25°C
125°C
85°C
85


Numéro de pièce similaire - LM2901PT

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LM2901PT STMICROELECTRONICS-LM2901PT Datasheet
532Kb / 16P
   Low power quad voltage comparator
LM2901PT STMICROELECTRONICS-LM2901PT Datasheet
547Kb / 13P
   Low power quad voltage comparator
logo
Rohm
LM2901PT ROHM-LM2901PT Datasheet
422Kb / 18P
   SIGNATURE SERIES Comparators
More results

Description similaire - LM2901PT

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
LM393DT ROHM-LM393DT_11 Datasheet
422Kb / 18P
   SIGNATURE SERIES Comparators
LM358DT ROHM-LM358DT_11 Datasheet
974Kb / 18P
   SIGNATURE SERIES Operational Amplifiers
2011.06 - Rev.B
logo
ATMEL Corporation
AT90SP0801 ATMEL-AT90SP0801 Datasheet
100Kb / 12P
   Secure Signature Generation Chip
logo
Rohm
LM393DR ROHM-LM393DR Datasheet
463Kb / 18P
   TROPHY SERIES Comparators
LM393MX ROHM-LM393MX_11 Datasheet
709Kb / 17P
   NOW SERIES Comparators
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_18 Datasheet
140Kb / 18P
   Comparators
March, 2018 ??Rev. 20
logo
Analog Devices
ADCMP391 AD-ADCMP391 Datasheet
375Kb / 17P
   Comparators
ADCMP394 AD-ADCMP394 Datasheet
409Kb / 18P
   Comparators
logo
Panasonic Semiconductor
AN1339 PANASONIC-AN1339 Datasheet
44Kb / 3P
   Quadruple Comparators
AN1393 PANASONIC-AN1393 Datasheet
29Kb / 3P
   Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com