Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC620HEOA713 Fiches technique(PDF) 1 Page - Microchip Technology

No de pièce TC620HEOA713
Description  5V, Dual Trip Point Temperature Sensors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC620HEOA713 Fiches technique(HTML) 1 Page - Microchip Technology

  TC620HEOA713 Datasheet HTML 1Page - Microchip Technology TC620HEOA713 Datasheet HTML 2Page - Microchip Technology TC620HEOA713 Datasheet HTML 3Page - Microchip Technology TC620HEOA713 Datasheet HTML 4Page - Microchip Technology TC620HEOA713 Datasheet HTML 5Page - Microchip Technology TC620HEOA713 Datasheet HTML 6Page - Microchip Technology TC620HEOA713 Datasheet HTML 7Page - Microchip Technology TC620HEOA713 Datasheet HTML 8Page - Microchip Technology TC620HEOA713 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
 2001-2015 Microchip Technology Inc.
DS20001439E-page 1
TC620/TC621
Features
• User Programmable Hysteresis and
Temperature Set Point
• Easily Programs with Two External Resistors
• Wide Temperature Detection Range:
- 0°C to 70°C: (TC620/TC621CCX)
- -40°C to +125°C: (TC620/TC621CVX)
- -40°C to +85°C: (TC620/TC621CEX)
• Onboard Temperature Sensing Applications
(TC620X)
• External NTC Thermistor for Remote Sensing
Applications (TC621X)
• Available in 8-Pin PDIP and SOIC Packages
Applications
• Power Supply Over Temperature Detection
• Consumer Equipment
• Temperature Regulators
• CPU Thermal Protection
Device Selection Table
Note:
*The part code will be C or H (see
Functional Block Diagrams).
Package Type
General Description
The TC620 and TC621 are programmable logic output
temperature detectors designed for use in thermal
management applications. The TC620 features an
onboard
temperature
sensor,
while
the
TC621
connects to an external NTC thermistor for remote
sensing applications.
Both devices feature dual thermal interrupt outputs
(HIGH LIMIT and LOW LIMIT), each of which is pro-
grammed with a single external resistor. On the TC620,
these outputs are driven active (high) when measured
temperature equals the user programmed limits. The
CONTROL (hysteresis) output is driven high when tem-
perature equals the high limit setting and returns low
when temperature falls below the low limit setting. This
output can be used to provide ON/OFF control to a
cooling fan or heater. The TC621 provides the same
output functions except that the logical states are
inverted.
The
TC620/TC621
are
usable
over
operating
temperature ranges of 0°C to 70°C, -40°C to +125°C.
Part Number
Package
Temperature
Range
TC620X*COA
8-Pin SOIC
0°C to +70°C
TC620X*CPA
8-Pin PDIP
0°C to +70°C
TC620X*EOA
8-Pin SOIC
-40°C to +85°C
TC620X*EPA
8-Pin PDIP
-40°C to +85°C
TC620C*VOA
8-Pin SOIC
-40°C to +125°C
TC621X*COA
8-Pin SOIC
0°C to +70°C
TC621X*CPA
8-Pin PDIP
0°C to +70°C
TC621X*EOA
8-Pin SOIC
-40°C to +85°C
TC621X*EPA
8-Pin PDIP
-40°C to +85°C
TC621C*VOA
8-Pin SOIC
-40°C to +125°C
THERMISTOR
8-SOIC
8-SOIC
VDD
GND
LOW LIMIT
CONTROL
NC
LOW SET
HIGH SET
HIGH LIMIT
VDD
GND
LOW LIMIT
CONTROL
LOW SET
HIGH SET
HIGH LIMIT
8
7
6
5
1
2
3
4
TC621XCOA
TC621XEOA
8
7
6
5
1
2
3
4
TC620XCOA
TC620XEOA
TC620CVOA
THERMISTOR
8-PDIP
VDD
GND
LOW LIMIT
CONTROL
LOW SET
HIGH SET
HIGH LIMIT
8
7
6
5
1
2
3
4
TC621XCPA
TC621XEPA
NC
8-PDIP
VDD
GND
LOW LIMIT
CONTROL
HIGH SET
LOW SET
HIGH LIMIT
8
7
6
5
1
2
3
4
TC620XCPA
TC620XEPA
5V, Dual Trip Point Temperature Sensors


Numéro de pièce similaire - TC620HEOA713

FabricantNo de pièceFiches techniqueDescription
logo
TelCom Semiconductor, I...
TC620HEOA TELCOM-TC620HEOA Datasheet
75Kb / 6P
   5V, DUAL TRIP POINT TEMPERATURE SENSORS
More results

Description similaire - TC620HEOA713

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC620CEOA713 MICROCHIP-TC620CEOA713 Datasheet
276Kb / 14P
   5V Dual Trip Point Temperature Sensors
10/31/05
TC620 MICROCHIP-TC620_13 Datasheet
195Kb / 16P
   5V, Dual Trip Point Temperature Sensors
2001-2012 11/29/12
TC620 MICROCHIP-TC620 Datasheet
450Kb / 14P
   5V, Dual Trip Point Temperature Sensors
2012
logo
TelCom Semiconductor, I...
TC620 TELCOM-TC620 Datasheet
75Kb / 6P
   5V, DUAL TRIP POINT TEMPERATURE SENSORS
logo
Microchip Technology
TC623 MICROCHIP-TC623_13 Datasheet
141Kb / 12P
   3V, Dual Trip Point Temperature Sensor
11/29/12 2001-2012
TC623 MICROCHIP-TC623_06 Datasheet
239Kb / 12P
   3V, Dual Trip Point Temperature Sensor
2006
logo
ON Semiconductor
MC623 ONSEMI-MC623 Datasheet
71Kb / 4P
   3V, Dual Trip Point Temperature Sensor
February, 2000 ??Rev. 0
logo
Microchip Technology
TC623 MICROCHIP-TC623 Datasheet
422Kb / 12P
   3V, Dual Trip Point Temperature Sensor
2002
logo
TelCom Semiconductor, I...
TC623 TELCOM-TC623 Datasheet
41Kb / 3P
   3V, DUAL TRIP POINT TEMPERATURE SENSOR
logo
ON Semiconductor
MC642.REV3 ONSEMI-MC642.REV3 Datasheet
65Kb / 5P
   3.0 V, Dual Trip Point Temperature Sensor
February, 2003 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com