Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA2903YF-LB Fiches technique(PDF) 5 Page - Rohm

No de pièce BA2903YF-LB
Description  Ground Sense Comparators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA2903YF-LB Fiches technique(HTML) 5 Page - Rohm

  BA2903YF-LB Datasheet HTML 1Page - Rohm BA2903YF-LB Datasheet HTML 2Page - Rohm BA2903YF-LB Datasheet HTML 3Page - Rohm BA2903YF-LB Datasheet HTML 4Page - Rohm BA2903YF-LB Datasheet HTML 5Page - Rohm BA2903YF-LB Datasheet HTML 6Page - Rohm BA2903YF-LB Datasheet HTML 7Page - Rohm BA2903YF-LB Datasheet HTML 8Page - Rohm BA2903YF-LB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TSZ02201-0RFR0G200680-1-2
5/27
30.Jan.2014 Rev.001
BA2903YF-LB BA2901YF-LB
Datasheet
© 2014 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111 • 15 • 001
BA2901YF-LB (Unless otherwise specified VCC=+5V, VEE=0V)
Parameter
Symbol
Temperature
range
Limits
Unit
Conditions
Min
Typ
Max
Input Offset Voltage
(Note10,11)
VIO
25°C
-
2
7
mV
EK=-1.4V
Full range
-
-
15
VCC=5 to 36V, EK=-1.4V
Input Offset Current
(Note10,11)
IIO
25°C
-
5
50
nA
EK=-1.4V
Full range
-
-
200
Input Bias Current
(Note11,12)
IB
25°C
-
50
250
nA
EK=-1.4V
Full range
-
-
500
Input Common-mode Voltage
Range
VICM
25°C
0
-
VCC-1.5
V
-
Large Signal Voltage Gain
(Note11)
AV
25°C
88
100
-
dB
VCC=15V, EK=-1.4 to -11.4V
RL=15kΩ, VRL=15V
Full range
74
-
-
Supply Current
(Note11)
ICC
25°C
-
0.8
2
mA
OUT=open
Full range
-
-
2.5
OUT=open, VCC=36V
Output Sink Current
(Note13)
ISINK
25°C
6
16
-
mA
+IN=0V, -IN=1V
OUT=1.5V
Output Saturation Voltage
(Note11)
(
Maximum Output Voltage Low)
VOL
25°C
-
150
400
mV
+IN=0V, -IN= 1V
ISINK=4mA
Full range
-
-
700
Output Leakage Current
(Note11)
(
High level output current)
ILEAK
25°C
-
0.1
-
μA
+IN=1V, -IN=0V
OUT=5V
Full range
-
-
1
+IN=1V, -IN=0V
OUT=36V
Response Time
tRE
25°C
-
1.3
-
μs
RL=5.1kΩ, VRL=5V
VIN=100mVP-P, overdrive=5mV
-
0.4
-
RL=5.1kΩ, VRL=5V, VIN=TTL
Logic Swing, VREF=1.4V
(Note 10) Absolute value
(Note 11) Full range TA=-40°C to +125°C
(Note 12) Current Direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.
(Note 13) Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.


Numéro de pièce similaire - BA2903YF-LB

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA2903YF-C ROHM-BA2903YF-C Datasheet
382Kb / 17P
   Automotive Comparators:Ground Sense
BA2903YF-C ROHM-BA2903YF-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
More results

Description similaire - BA2903YF-LB

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YF-M ROHM-BA2901YF-M Datasheet
531Kb / 27P
   Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com