Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES5S001JFA Fiches technique(PDF) 7 Page - Japan Aviation Electronics Industry, Ltd.

No de pièce ES5S001JFA
Description  Detachable locking structure (connector retention strength: 16N min.)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JAE [Japan Aviation Electronics Industry, Ltd.]
Site Internet  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

ES5S001JFA Fiches technique(HTML) 7 Page - Japan Aviation Electronics Industry, Ltd.

  ES5S001JFA Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. ES5S001JFA Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. ES5S001JFA Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. ES5S001JFA Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. ES5S001JFA Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. ES5S001JFA Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. ES5S001JFA Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. ES5S001JFA Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. ES5S001JFA Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MB-0246-3
7/9
JAE PMK Div. Proprietary. Copyright © 2013, Japan Aviation Electronics Industry, Ltd.
(ES5S001JFA)
(ES5P09K4F2)
Applicable Board Dimensions (for reference)


Numéro de pièce similaire - ES5S001JFA

FabricantNo de pièceFiches techniqueDescription
logo
Japan Aviation Electron...
ES5S001JFAR5500 JAE-ES5S001JFAR5500 Datasheet
361Kb / 1P
   JAPAN AVIATION ELECTRONICS INDUSTRY.LTD.
More results

Description similaire - ES5S001JFA

FabricantNo de pièceFiches techniqueDescription
logo
E-SWITCH
N802104 E-SWITCH-N802104 Datasheet
94Kb / 1P
   DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802106 E-SWITCH-N802106 Datasheet
109Kb / 1P
   DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
logo
TE Connectivity Ltd
C-293300 TEC-C-293300 Datasheet
709Kb / 3P
   IMPROVED LOCKING RETENTION TEETH
logo
E-SWITCH
N802110 E-SWITCH-N802110 Datasheet
169Kb / 1P
   DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
logo
CIT Relay & Switch
MS2205 CIT-MS2205 Datasheet
124Kb / 1P
   DPDT Switch Function, 1000Vrms min Dielectric Strength
logo
E-SWITCH
N802102 E-SWITCH-N802102 Datasheet
77Kb / 1P
   DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
logo
List of Unclassifed Man...
CA3108E10SLA4S ETC2-CA3108E10SLA4S Datasheet
4Mb / 34P
   High strength aluminum alloy connector, High strength plastic insulators
logo
OSA Opto Light GmbH
150234-1060 OSA-150234-1060 Datasheet
43Kb / 2P
   Structure
logo
PHOENIX CONTACT
0443036 PHOENIX-0443036 Datasheet
66Kb / 5P
   Ground modular terminal block - USLKG 16N-1
logo
CITIZEN ELECTRONICS CO....
CLU028-1201C4 CITIZEN-CLU028-1201C4_18 Datasheet
625Kb / 15P
   Ra70 Min, Ra80 Min. Model
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com