Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10H105 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC10H105
Description  Triple 2?????륤nput OR/NOR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H105 Fiches technique(HTML) 2 Page - ON Semiconductor

  MC10H105 Datasheet HTML 1Page - ON Semiconductor MC10H105 Datasheet HTML 2Page - ON Semiconductor MC10H105 Datasheet HTML 3Page - ON Semiconductor MC10H105 Datasheet HTML 4Page - ON Semiconductor MC10H105 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC10H105
www.onsemi.com
2
Table 1. MAXIMUM RATINGS
Symbol
Characteristic
Rating
Unit
VEE
Power Supply (VCC = 0)
−8.0 to 0
Vdc
VI
Input Voltage (VCC = 0)
0 to VEE
Vdc
Iout
Output Current
Continuous
Surge
50
100
mA
TA
Operating Temperature Range
0 to +75
°C
Tstg
Storage Temperature Range
Plastic
Ceramic
−55 to +150
−55 to +165
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
Table 2. ELECTRICAL CHARACTERISTICS (VEE = −5.2 V ±5%) (Note 1)
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
IE
Power Supply Current
23
21
23
mA
IinH
Input Current High
425
265
265
mA
IinL
Input Current Low
0.5
0.5
0.3
mA
VOH
High Output Voltage
−1.02
−0.84
−0.98
−0.81
−0.92
−0.735
Vdc
VOL
Low Output Voltage
−1.95
−1.63
−1.95
−1.63
−1.95
−1.60
Vdc
VIH
High Input Voltage
−1.17
−0.84
−1.13
−0.81
−1.07
−0.735
Vdc
VIL
Low Input Voltage
−1.95
−1.48
−1.95
−1.48
−1.95
−1.45
Vdc
1. Each MECL 10H series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is
maintained. Outputs are terminated through a 50 W resistor to −2.0 V.


Numéro de pièce similaire - MC10H105

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10H105 ONSEMI-MC10H105 Datasheet
94Kb / 3P
   Triple 2-3-2-Input OR/NOR Gate
REV 5
MC10H105 ONSEMI-MC10H105 Datasheet
150Kb / 6P
   Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC10H105FN ONSEMI-MC10H105FN Datasheet
150Kb / 6P
   Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC10H105FNG ONSEMI-MC10H105FNG Datasheet
150Kb / 6P
   Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC10H105FNR2 ONSEMI-MC10H105FNR2 Datasheet
150Kb / 6P
   Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
More results

Description similaire - MC10H105

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10H107 ONSEMI-MC10H107_16 Datasheet
136Kb / 5P
   Triple 2?륤nput Exclusive OR/Exclusive NOR Gate
August, 2016 ??Rev. 8
MC10H102 ONSEMI-MC10H102_16 Datasheet
138Kb / 4P
   Quad 2?륤nput NOR Gate
August, 2016 ??Rev. 8
MC10H105 ONSEMI-MC10H105_06 Datasheet
150Kb / 6P
   Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC10105 ONSEMI-MC10105_02 Datasheet
107Kb / 8P
   Triple 2-3-2-Input OR/NOR Gate
January, 2002 ??Rev. 7
MC10105 ONSEMI-MC10105 Datasheet
100Kb / 5P
   Triple 2-3-2-Input OR/NOR Gate
1996 REV 5
MC10H105 ONSEMI-MC10H105 Datasheet
94Kb / 3P
   Triple 2-3-2-Input OR/NOR Gate
REV 5
MC10E101 ONSEMI-MC10E101_16 Datasheet
153Kb / 7P
   5V ECL Quad 4?륤nput OR/NOR Gate
July, 2016 ??Rev. 9
MC10H107 ONSEMI-MC10H107 Datasheet
95Kb / 3P
   Triple 2-Input Exclusive OR/Exclusive NOR Gate
REV 5
MC10107 ONSEMI-MC10107 Datasheet
104Kb / 5P
   Triple 2-Input Exclusive OR/Exclusive NOR Gate
1996 REV 5
MC10H107 ONSEMI-MC10H107_06 Datasheet
151Kb / 6P
   Triple 2?묲nput Exclusive OR/Exclusive NOR Gate
February, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com