Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100EP446FAG Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce MC100EP446FAG
Description  8?륛it CMOS/ECL/TTL Data Input Parallel/Serial Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP446FAG Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button MC100EP446FAG Datasheet HTML 2Page - ON Semiconductor MC100EP446FAG Datasheet HTML 3Page - ON Semiconductor MC100EP446FAG Datasheet HTML 4Page - ON Semiconductor MC100EP446FAG Datasheet HTML 5Page - ON Semiconductor MC100EP446FAG Datasheet HTML 6Page - ON Semiconductor MC100EP446FAG Datasheet HTML 7Page - ON Semiconductor MC100EP446FAG Datasheet HTML 8Page - ON Semiconductor MC100EP446FAG Datasheet HTML 9Page - ON Semiconductor MC100EP446FAG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MC10EP446, MC100EP446
http://onsemi.com
6
Table 7. 10EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 2)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
90
110
140
90
110
140
95
115
145
mA
VOH
Output HIGH Voltage (Note 3)
2165
2290
2415
2230
2355
2480
2290
2415
2540
mV
VOL
Output LOW Voltage (Note 3)
1365
1490
1615
1430
1555
1680
1490
1615
1740
mV
VIH
Input HIGH Voltage (Single−Ended)
CMOS
PECL
TTL
2000
2090
2000
3300
3300
3300
2000
2155
2000
3300
3300
3300
2000
2215
2000
3300
3300
3300
mV
VIL
Input LOW Voltage (Single−Ended)
CMOS
PECL
TTL
0
1365
0
800
1690
800
0
1460
0
800
1755
800
0
1490
0
800
1815
800
mV
VBB
Output Voltage Reference
1790
1840
1990
1855
1905
2055
1915
1965
2115
mV
VIHCMR
Input HIGH Voltage Common Mode Range (Dif-
ferential Configuration) (Note 4)
2.0
3.3
2.0
3.3
2.0
3.3
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
(All Except SYNC, SYNC)
SYNC, SYNC
0.5
−150
0.5
0.5
−150
0.5
0.5
−150
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
2. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to −2.2 V.
3. All loading with 50
W to VCC − 2.0 V.
4. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Numéro de pièce similaire - MC100EP446FAG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100EP446FAG ONSEMI-MC100EP446FAG Datasheet
269Kb / 20P
   3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
February, 2007 ??Rev. 9
More results

Description similaire - MC100EP446FAG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10EP446 ONSEMI-MC10EP446 Datasheet
173Kb / 20P
   3.3V/5V 8짯Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2004 ??Rev. 5
MC10EP446 ONSEMI-MC10EP446_07 Datasheet
269Kb / 20P
   3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
February, 2007 ??Rev. 9
MC10EP445 ONSEMI-MC10EP445_14 Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
MC100EP445 ONSEMI-MC100EP445 Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC10EP445 ONSEMI-MC10EP445_06 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC10E137 ONSEMI-MC10E137_16 Datasheet
171Kb / 9P
   5V ECL 8?륛it Ripple Counter
July, 2016 ??Rev. 9
MC10E141 ONSEMI-MC10E141_16 Datasheet
159Kb / 8P
   5V ECL 8?륛it Shift Register
July, 2016 ??Rev. 8
MC10E445 ONSEMI-MC10E445_06 Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC10E446 ONSEMI-MC10E446_06 Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
logo
Allegro MicroSystems
PG001M ALLEGRO-PG001M Datasheet
179Kb / 12P
   PARALLEL-TO-SERIAL DATA CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com