Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100EP445FAR2G Fiches technique(PDF) 11 Page - ON Semiconductor

No de pièce MC100EP445FAR2G
Description  ECL 8-Bit Serial/Parallel Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP445FAR2G Fiches technique(HTML) 11 Page - ON Semiconductor

Back Button MC100EP445FAR2G Datasheet HTML 7Page - ON Semiconductor MC100EP445FAR2G Datasheet HTML 8Page - ON Semiconductor MC100EP445FAR2G Datasheet HTML 9Page - ON Semiconductor MC100EP445FAR2G Datasheet HTML 10Page - ON Semiconductor MC100EP445FAR2G Datasheet HTML 11Page - ON Semiconductor MC100EP445FAR2G Datasheet HTML 12Page - ON Semiconductor MC100EP445FAR2G Datasheet HTML 13Page - ON Semiconductor MC100EP445FAR2G Datasheet HTML 14Page - ON Semiconductor MC100EP445FAR2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MC10EP445, MC100EP445
http://onsemi.com
11
For CKSEL LOW operation, the data is latched on both the rising edge and the falling edge of the clock and the time from
when the serial data is latched
À to when the data is seen on the parallel outputÁ is 6 clock cycles (see Figure 8).
Figure 8. Timing Diagram A. 1:8 Serial to Parallel Conversion with CKSEL LOW
CLK
SINA
RESET
CKSEL
PCLK
Q0
D0
D1
D2 D3
D4
D5
D6
D7
D8
D9 D10 D11 D12 D13 D14 D15 D16 D17 D18 D19 D20 D21 D22 D23 D24
Q1
Q2
Q3
Q4
Q5
Q6
Q7
D0
D8
D16
D1
D9
D17
D2
D10
D18
D3
D11
D19
D4
D12
D20
D5
D13
D21
D6
D14
D22
D7
D15
D23
CKEN
123
4
5
6
Á
À
Number of Clock Cycles from Data Latch to Q


Numéro de pièce similaire - MC100EP445FAR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100EP445FAR2G ONSEMI-MC100EP445FAR2G Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
More results

Description similaire - MC100EP445FAR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100EP445 ONSEMI-MC100EP445 Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC10E445 ONSEMI-MC10E445_06 Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC10E446 ONSEMI-MC10E446_06 Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
MC10EP445 ONSEMI-MC10EP445_06 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
logo
New Japan Radio
NJU3711 NJRC-NJU3711 Datasheet
307Kb / 6P
   8-BIT SERIAL TO PARALLEL CONVERTER
NJU3712 NJRC-NJU3712 Datasheet
214Kb / 7P
   8-BIT SERIAL TO PARALLEL CONVERTER?
logo
National Semiconductor ...
54165 NSC-54165 Datasheet
109Kb / 6P
   8-Bit Parallel-to-Serial Converter
August 1989
logo
ON Semiconductor
MC10EP446 ONSEMI-MC10EP446_14 Datasheet
191Kb / 20P
   8?륛it CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2014 ??Rev. 11
MC10EP446 ONSEMI-MC10EP446_07 Datasheet
269Kb / 20P
   3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
February, 2007 ??Rev. 9
logo
Semtech Corporation
SK10E445PJ SEMTECH-SK10E445PJ Datasheet
171Kb / 8P
   4-bit serial / parallel converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com