Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10E195FNR2G Fiches technique(PDF) 8 Page - ON Semiconductor

No de pièce MC10E195FNR2G
Description  5V ECL Programmable Delay Chip
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E195FNR2G Fiches technique(HTML) 8 Page - ON Semiconductor

Back Button MC10E195FNR2G Datasheet HTML 3Page - ON Semiconductor MC10E195FNR2G Datasheet HTML 4Page - ON Semiconductor MC10E195FNR2G Datasheet HTML 5Page - ON Semiconductor MC10E195FNR2G Datasheet HTML 6Page - ON Semiconductor MC10E195FNR2G Datasheet HTML 7Page - ON Semiconductor MC10E195FNR2G Datasheet HTML 8Page - ON Semiconductor MC10E195FNR2G Datasheet HTML 9Page - ON Semiconductor MC10E195FNR2G Datasheet HTML 10Page - ON Semiconductor MC10E195FNR2G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MC10E195, MC100E195
www.onsemi.com
8
−5.5
30
25
−4.7
20
15
−15
−4.5
−4.9
−5.1
−4.3
VEE, (V)
10
5
0
−5
−10
−5.3
0
1600
1575
40
1550
1525
1375
50
30
20
60
1500
1475
1450
1425
1400
10
1350
1325
1300
70
80
90 100
Temperature (°C)
Figure 5. Change in Delay vs. Change in
Supply Voltage
Figure 6. Delay vs. Temperature (Fixed Path)
0
4400
4300
40
4200
4100
3500
50
30
20
60
4000
3900
3800
3700
3600
10
3400
70
80
90 100
Figure 7. Delay vs. Temperature (Max. Delay).
Temperature (°C)
064
2000
32
96
3600
2800
1200
128
Figure 8. 100E195 Temperature Effects on
Delay.
Tap Delay
85°C
0°C
040
88
50
30
20
60
84
80
76
72
68
10
64
70
80
90 100
Figure 9. Delay vs. Temperature (Per Gate).
Temperature (°C)
040
20
60
3900
3400
2900
2400
1900
1400
80
120
100
Figure 10. E195 Delay Linearity.
Tap Selection
Note:
All Taps Selected
SET = H, Temp. = 0°C


Numéro de pièce similaire - MC10E195FNR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10E195FNR2G ONSEMI-MC10E195FNR2G Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
More results

Description similaire - MC10E195FNR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10E196 ONSEMI-MC10E196_06 Datasheet
158Kb / 12P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 9
MC10E195 ONSEMI-MC10E195_06 Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
MC100EP195FA ONSEMI-MC100EP195FA Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
MC100EP196B ONSEMI-MC100EP196B_14 Datasheet
165Kb / 18P
   ECL Programmable Delay Chip With FTUNE
June, 2014 ??Rev. 2
MC100EP196A ONSEMI-MC100EP196A Datasheet
158Kb / 18P
   3.3 V ECL Programmable Delay Chip
September, 2006 ??Rev. 0
logo
RCD COMPONENTS INC.
EC3A-1 RCD-EC3A-1 Datasheet
974Kb / 1P
   PROGRAMMABLE ECL DELAY LINES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com