Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10E195 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC10E195
Description  5V ECL Programmable Delay Chip
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E195 Fiches technique(HTML) 1 Page - ON Semiconductor

  MC10E195_16 Datasheet HTML 1Page - ON Semiconductor MC10E195_16 Datasheet HTML 2Page - ON Semiconductor MC10E195_16 Datasheet HTML 3Page - ON Semiconductor MC10E195_16 Datasheet HTML 4Page - ON Semiconductor MC10E195_16 Datasheet HTML 5Page - ON Semiconductor MC10E195_16 Datasheet HTML 6Page - ON Semiconductor MC10E195_16 Datasheet HTML 7Page - ON Semiconductor MC10E195_16 Datasheet HTML 8Page - ON Semiconductor MC10E195_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 11
1
Publication Order Number:
MC10E195/D
MC10E195, MC100E195
5 V ECL Programmable
Delay Chip
Description
The MC10E/100E195 is a programmable delay chip (PDC)
designed primarily for clock de-skewing and timing adjustment. It
provides variable delay of a differential ECL input transition.
The delay section consists of a chain of gates organized as shown in
the logic symbol. The first two delay elements feature gates that have
been modified to have delays 1.25 and 1.5 times the basic gate delay of
approximately 80 ps. These two elements provide the E195 with a
digitally-selectable resolution of approximately 20 ps. The required
device delay is selected by the seven address inputs D[0:6], which are
latched on chip by a high signal on the latch enable (LEN) control.
Because the delay programmability of the E195 is achieved by
purely differential ECL gate delays the device will operate at
frequencies of > 1.0 GHz while maintaining over 600 mV of output
swing.
The E195 thus offers very fine resolution, at very high frequencies,
that is selectable entirely from a digital input allowing for very
accurate system clock timing.
An eighth latched input, D7, is provided for cascading multiple
PDC’s for increased programmable range. The cascade logic allows
full control of multiple PDC’s, at the expense of only a single added
line to the data bus for each additional PDC, without the need for any
external gating.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single-ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01 mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
The 100 Series contains temperature compensation.
Features
2.0 ns Worst Case Delay Range
≈ 20 ps/Delay Step Resolution
> 1.0 GHz Bandwidth
On Chip Cascade Circuitry
PECL Mode Operating Range: VCC = 4.2 V to 5.7 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −4.2 V to −5.7 V
Internal Input 50 kW Pulldown Resistors
ESD Protection:
> 2 kV Human Body Model
> 200 V Machine Model
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity: Level 3 (Pb-Free)
(For Additional Information, see Application Note AND8003/D)
MARKING DIAGRAM*
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb-Free Package
PLCC−28
FN SUFFIX
CASE 776−02
MCxxxE195FNG
AWLYYWW
1
www.onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
ORDERING INFORMATION
Flammability Rating: UL 94 V−0 @ 0.125 in
Oxygen Index: 28 to 34
Transistor Count = 368 Devices
These Devices are Pb-Free, Halogen Free
and are RoHS Compliant
See detailed ordering and shipping information on page 9
of this data sheet.


Numéro de pièce similaire - MC10E195_16

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10E195FN ONSEMI-MC10E195FN Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
MC10E195FNG ONSEMI-MC10E195FNG Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
MC10E195FNR2 ONSEMI-MC10E195FNR2 Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
MC10E195FNR2G ONSEMI-MC10E195FNR2G Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
MC10E195 ONSEMI-MC10E195_06 Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
More results

Description similaire - MC10E195_16

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10E196 ONSEMI-MC10E196_06 Datasheet
158Kb / 12P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 9
MC10E195 ONSEMI-MC10E195_06 Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
MC100EP195FA ONSEMI-MC100EP195FA Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
MC100EP196B ONSEMI-MC100EP196B_14 Datasheet
165Kb / 18P
   ECL Programmable Delay Chip With FTUNE
June, 2014 ??Rev. 2
MC100EP196A ONSEMI-MC100EP196A Datasheet
158Kb / 18P
   3.3 V ECL Programmable Delay Chip
September, 2006 ??Rev. 0
logo
RCD COMPONENTS INC.
EC3A-1 RCD-EC3A-1 Datasheet
974Kb / 1P
   PROGRAMMABLE ECL DELAY LINES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com