Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDC37C666GT Fiches technique(PDF) 1 Page - SMSC Corporation

No de pièce FDC37C666GT
Description  High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C666GT Fiches technique(HTML) 1 Page - SMSC Corporation

  FDC37C666GT Datasheet HTML 1Page - SMSC Corporation FDC37C666GT Datasheet HTML 2Page - SMSC Corporation FDC37C666GT Datasheet HTML 3Page - SMSC Corporation FDC37C666GT Datasheet HTML 4Page - SMSC Corporation FDC37C666GT Datasheet HTML 5Page - SMSC Corporation FDC37C666GT Datasheet HTML 6Page - SMSC Corporation FDC37C666GT Datasheet HTML 7Page - SMSC Corporation FDC37C666GT Datasheet HTML 8Page - SMSC Corporation FDC37C666GT Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 152 page
background image
FDC37C665GT
FDC37C666GT
High-Performance Multi-Mode
Parallel Port Super I/O Floppy Disk Controllers
FEATURES
5 Volt Operation
Floppy Disk Available on Parallel Port Pins
2.88MB Super I/O Floppy Disk Controller
- Licensed CMOS 765B Floppy Disk
Controller
- Software and Register Compatible to the
82077AA Using SMSC's Proprietary
Floppy Disk Controller Core
- Supports Vertical Recording Format
- 100% IBM® Compatibility
- Detects All Overrun and Underrun
Conditions
- 48 mA Drivers and Schmitt Trigger
Inputs
- DMA Enable Logic
- Data Rate and Drive Control Registers
- Swap Drives A and B
- Non-Burst Mode DMA Option
- FDC Primary/Secondary Address
Selection
- 16 Byte Data FIFO
- Low Power CMOS 0.8
µ Design
Enhanced Digital Data Separator
- Low Cost Implementation - 24 MHz
Crystal
- No Filter Components Required
- Ease of Test and Use, Lower System
Cost, and Reduced Board Area
- 1 Mb/s, 500 Kb/s, 300 Kb/s, 250 Kb/s
Data Rates
- Supports Floppy Disk and Tape Drives
- Programmable Precompensation Modes
Multi-Mode Parallel Port with ChiProtect
Circuitry
- Standard Mode
- IBM PC/XT®, PC/AT®, and PS/2
Compatible Bidirectional Parallel
Port
- Enhanced Mode
- Enhanced Parallel Port (EPP)
Compatible - EPP 1.7 and EPP 1.9
(IEEE 1284 Compliant)
- High Speed Mode
- Microsoft and Hewlett Packard
Extended Capabilities Port (ECP) IEEE
1284 Compliant
- Incorporates ChiProtect Circuitry for
Protection Against Damage Due to
Printer Power-On
- Provides Backdrive Current Protection
- 24 mA Output Drivers
- Two Parallel Port Interrupt Pins
Serial Ports
- Two High Speed NS16C550 Compatible
UARTs with Send/Receive 16 Byte
FIFOs
- MIDI Compatible
- Programmable Baud Rate Generator
- Modem Control Circuitry
ISA Host Interface
IDE Interface
- On-Chip Decode and Select Logic
Compatible with IBM PC/XT and PC/AT
Embedded Hard Disk Drives
- IDE Primary/Secondary Address
Selection


Numéro de pièce similaire - FDC37C666GT

FabricantNo de pièceFiches techniqueDescription
logo
SMSC Corporation
FDC37C666GT SMSC-FDC37C666GT Datasheet
434Kb / 152P
   High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
More results

Description similaire - FDC37C666GT

FabricantNo de pièceFiches techniqueDescription
logo
SMSC Corporation
FDC37C665GT SMSC-FDC37C665GT_07 Datasheet
434Kb / 152P
   High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
FDC37C665IR SMSC-FDC37C665IR Datasheet
562Kb / 162P
   3/5 Volt Advanced High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controller with Infranred Support
logo
Microchip Technology
FDC37C669-MT MICROCHIP-FDC37C669-MT Datasheet
593Kb / 162P
   PC 98/99 Compliant Super I/O Floppy Disk Controller
Rev. 06/29/2007
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
FDC37C669 SMSC-FDC37C669 Datasheet
621Kb / 164P
   PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
logo
Fujitsu Component Limit...
MB4107A FUJITSU-MB4107A Datasheet
524Kb / 16P
   FLOPPY DISK VFO
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
National Semiconductor ...
PC87334VLJ NSC-PC87334VLJ Datasheet
971Kb / 102P
   SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com