Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2575T-15 Fiches technique(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LM2575T-15
Description  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2575T-15 Fiches technique(HTML) 5 Page - National Semiconductor (TI)

  LM2575T-15 Datasheet HTML 1Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 2Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 3Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 4Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 5Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 6Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 7Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 8Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Maximum Supply Voltage
LM1575/LM2575
45V
LM2575HV
63V
ON /OFF Pin Input Voltage
−0.3V
≤ V ≤ +V
IN
Output Voltage to Ground
(Steady State)
−1V
Power Dissipation
Internally Limited
Storage Temperature Range
−65˚C to +150˚C
Maximum Junction Temperature
150˚C
Minimum ESD Rating
(C = 100 pF, R = 1.5 k
Ω)2 kV
Lead Temperature
(Soldering, 10 sec.)
260˚C
Operating Ratings
Temperature Range
LM1575
−55˚C
≤ T
J
≤ +150˚C
LM2575/LM2575HV
−40˚C
≤ T
J
≤ +125˚C
Supply Voltage
LM1575/LM2575
40V
LM2575HV
60V
LM1575-3.3, LM2575-3.3, LM2575HV-3.3
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range .
Symbol
Parameter
Conditions
Typ
LM1575-3.3
LM2575-3.3
Units
(Limits)
LM2575HV-3.3
Limit
Limit
(Note 2)
(Note 3)
SYSTEM PARAMETERS (Note 4) Test Circuit Figure 2
V
OUT
Output Voltage
V
IN = 12V, ILOAD = 0.2A
3.3
V
Circuit of Figure 2
3.267
3.234
V(Min)
3.333
3.366
V(Max)
V
OUT
Output Voltage
4.75V
≤ V
IN
≤ 40V, 0.2A ≤ I
LOAD
≤ 1A
3.3
V
LM1575/LM2575
Circuit of Figure 2
3.200/3.168
3.168/3.135
V(Min)
3.400/3.432
3.432/3.465
V(Max)
V
OUT
Output Voltage
4.75V
≤ V
IN
≤ 60V, 0.2A ≤ I
LOAD
≤ 1A
3.3
V
LM2575HV
Circuit of Figure 2
3.200/3.168
3.168/3.135
V(Min)
3.416/3.450
3.450/3.482
V(Max)
η
Efficiency
V
IN = 12V, ILOAD =1A
75
%
LM1575-5.0, LM2575-5.0, LM2575HV-5.0
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range.
Symbol
Parameter
Conditions
Typ
LM1575-5.0
LM2575-5.0
Units
(Limits)
LM2575HV-5.0
Limit
Limit
(Note 2)
(Note 3)
SYSTEM PARAMETERS (Note 4) Test Circuit Figure 2
V
OUT
Output Voltage
V
IN = 12V, ILOAD = 0.2A
5.0
V
Circuit of Figure 2
4.950
4.900
V(Min)
5.050
5.100
V(Max)
V
OUT
Output Voltage
0.2A
≤ I
LOAD
≤ 1A,
5.0
V
LM1575/LM2575
8V
≤ V
IN
≤ 40V
4.850/4.800
4.800/4.750
V(Min)
Circuit of Figure 2
5.150/5.200
5.200/5.250
V(Max)
V
OUT
Output Voltage
0.2A
≤ I
LOAD
≤ 1A,
5.0
V
LM2575HV
8V
≤ V
IN
≤ 60V
4.850/4.800
4.800/4.750
V(Min)
Circuit of Figure 2
5.175/5.225
5.225/5.275
V(Max)
www.national.com
5


Numéro de pièce similaire - LM2575T-15

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LM2575T-15 ONSEMI-LM2575T-15 Datasheet
382Kb / 26P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
logo
National Semiconductor ...
LM2575T-15 NSC-LM2575T-15 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575T-15 TI1-LM2575T-15 Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575T-15 TI1-LM2575T-15 Datasheet
5Mb / 43P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575T-15 TI1-LM2575T-15 Datasheet
756Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
More results

Description similaire - LM2575T-15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2575EP NSC-LM2575EP Datasheet
1Mb / 26P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575T-5 TI1-LM2575T-5 Datasheet
756Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
MNLM1575-12-X NSC-MNLM1575-12-X Datasheet
252Kb / 14P
   SIMPLE SWITCHER 1A STEP-DOWN VOLTAGE REGULATOR
logo
Texas Instruments
LM2575EP TI1-LM2575EP Datasheet
2Mb / 28P
[Old version datasheet]   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM1575 ARTSCHIP-LM1575 Datasheet
7Mb / 25P
   Simple Switcher 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575-15 NSC-LM1575-15 Datasheet
252Kb / 14P
   SIMPLE SWITCHER(TM) 1A STEP-DOWN VOLTAGE REGULATOR
logo
Texas Instruments
LM2575HVSX-5.0 TI1-LM2575HVSX-5.0 Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575HVT-5 TI1-LM2575HVT-5 Datasheet
5Mb / 43P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com