Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCVF2310 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce CDCVF2310
Description  2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CDCVF2310 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button CDCVF2310 Datasheet HTML 3Page - Texas Instruments CDCVF2310 Datasheet HTML 4Page - Texas Instruments CDCVF2310 Datasheet HTML 5Page - Texas Instruments CDCVF2310 Datasheet HTML 6Page - Texas Instruments CDCVF2310 Datasheet HTML 7Page - Texas Instruments CDCVF2310 Datasheet HTML 8Page - Texas Instruments CDCVF2310 Datasheet HTML 9Page - Texas Instruments CDCVF2310 Datasheet HTML 10Page - Texas Instruments CDCVF2310 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
VDD = 3.3 V ±0.3 V (SEE FIGURE 2)
VDD = 2.5 V ±0.2 V (SEE FIGURE 2)
PARAMETER MEASUREMENT INFORMATION
500
CL = 25 pF on Yn
From Output
Under Test
CDCVF2310
SCAS666B – JUNE 2001 – REVISED JANUARY 2004
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
f = 0 MHz to 200 MHz
CLK to Yn
1.3
2.8
ns
For circuit load, see Figure 2.
tPHL
tsk(o)
Output skew (Ym to Yn) (1) (see Figure 4)
100
ps
tsk(p)
Pulse skew (see Figure 5)
250
ps
tsk(pp)
Part-to-part skew
500
ps
tr
Rise time (see Figure 3)
VO = 0.4 V to 2 V
0.7
2
V/ns
tf
Fall time (see Figure 3)
VO = 2 V to 0.4 V
0.7
2
V/ns
tsu(en)
Enable setup time, G_high before CLK
0.1
ns
tsu(dis)
Disable setup time, G_low before CLK
0.1
ns
th(en)
Enable hold time, G_high after CLK
0.4
ns
th(dis)
Disable hold time, G_low after CLK
0.4
ns
(1)
The tsk(o) specification is only valid for equal loading of all outputs.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
f = 0 MHz to 170 MHz
CLK to Yn
1.5
3.5
ns
For circuit load, see Figure 2.
tPHL
tsk(o)
Output skew (Ym to Yn) (1) (see Figure 4 )
170
ps
tsk(p)
Pulse skew (see Figure 5)
400
ps
tsk(pp)
Part-to-part skew
600
ps
tr
Rise time (see Figure 3)
VO = 0.4 V to 1.7 V
0.5
1.4
V/ns
tf
Fall time (see Figure 3)
VO = 1.7 V to 0.4 V
0.5
1.4
V/ns
tsu(en)
Enable setup time, G_high before CLK
0.1
ns
tsu(dis)
Disable setup time, G_low before CLK
0.1
ns
th(en)
Enable hold time, G_high after CLK
0.4
ns
th(dis)
Disable hold time, G_low after CLK
0.4
ns
(1)
The tsk(o) specification is only valid for equal loading of all outputs.
A.
CL includes probe and jig capacitance.
B.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 200 MHz, Z
O = 50 Ω,
tr < 1.2 ns, tf < 1.2 ns.
Figure 2. Test Load Circuit
7


Numéro de pièce similaire - CDCVF2310

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCVF2310 TI-CDCVF2310 Datasheet
736Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310 TI1-CDCVF2310 Datasheet
884Kb / 23P
[Old version datasheet]   High-Performance Clock Buffer
CDCVF2310-EP TI1-CDCVF2310-EP Datasheet
740Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310MPWEP TI1-CDCVF2310MPWEP Datasheet
740Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310MPWREP TI1-CDCVF2310MPWREP Datasheet
740Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
More results

Description similaire - CDCVF2310

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCVF310 TI-CDCVF310 Datasheet
148Kb / 12P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310PW TI-CDCVF2310PW Datasheet
736Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF310 TI1-CDCVF310_15 Datasheet
767Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
logo
PulseCore Semiconductor
ASM2P2310A PULSECORE-ASM2P2310A Datasheet
462Kb / 11P
   2.5-V TO 3.3-V High-Performance Clock Buffer
logo
Texas Instruments
CDCVF2310-EP TI1-CDCVF2310-EP Datasheet
740Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCLVC11XX TI1-CDCLVC11XX_12 Datasheet
948Kb / 23P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI1-CDCLVC11XX_14 Datasheet
906Kb / 23P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX Datasheet
223Kb / 9P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX_1 Datasheet
419Kb / 14P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
logo
Renesas Technology Corp
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com