Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA10-600CWRG Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce BTA10-600CWRG
Description  10A TRIACS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA10-600CWRG Fiches technique(HTML) 4 Page - STMicroelectronics

  BTA10-600CWRG Datasheet HTML 1Page - STMicroelectronics BTA10-600CWRG Datasheet HTML 2Page - STMicroelectronics BTA10-600CWRG Datasheet HTML 3Page - STMicroelectronics BTA10-600CWRG Datasheet HTML 4Page - STMicroelectronics BTA10-600CWRG Datasheet HTML 5Page - STMicroelectronics BTA10-600CWRG Datasheet HTML 6Page - STMicroelectronics BTA10-600CWRG Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BTA10 and BTB10 Series
4/7
Figure 5: Surge peak on-state current versus
number of cycles
Figure 6: Non-repetitive surge peak on-state
current for a sinusoidal pulse with width tp < 10 ms
and corresponding value of I2t
Figure 7: Relative variation of gate trigger
current, holding current and latching current
versus junction temperature (typical values)
Figure 8: Relative variation of critical rate of
decrease of main current versus (dV/dt)c
(typical values)
Figure 9: Relative variation of critical rate of
decrease of main current versus junction
temperature
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
110
I
(A)
TSM
Number of cycles
t=20ms
One cycle
Non repetitive
T initial=25°C
j
Repetitive
T =95°C
C
0.01
0.10
1.00
10.00
10
100
1000
I
(A), I t (A s)
TSM
22
t (ms)
p
T initial=25°C
j
ITSM
I t
2
dI/dt limitation:
50A/µs
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
T (°C)
j
I,I ,I [T ] /
GT H L
j
I
,I ,I [T =25°C]
GT H L
j
IGT
IH & IL
0.1
1.0
10.0
100.0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
(dV/dt)c (V/µs)
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
BW/CW
C
B
0
25
50
75
100
125
0
1
2
3
4
5
6
(dI/dt)c [T ] /
pecified]
j
(dI/dt)c [T s
j
T (°C)
j


Numéro de pièce similaire - BTA10-600CWRG

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BTA10-600CWRG STMICROELECTRONICS-BTA10-600CWRG Datasheet
234Kb / 12P
   10 A Snubberless?? logic level and standard Triacs
Rev 9 - March 2019
BTA10-600CWRG STMICROELECTRONICS-BTA10-600CWRG Datasheet
634Kb / 14P
   10 A SnubberlessTM, logic level and standard Triacs
February 2017 Rev 7
More results

Description similaire - BTA10-600CWRG

FabricantNo de pièceFiches techniqueDescription
logo
SiPower Inc.
BTA10 SIPOWER-BTA10 Datasheet
863Kb / 6P
   10A Triacs
logo
Unisonic Technologies
BTB10A UTC-BTB10A Datasheet
166Kb / 3P
   10A TRIACS
BTB10A UTC-BTB10A_15 Datasheet
166Kb / 3P
   10A TRIACS
BTA10 UTC-BTA10 Datasheet
164Kb / 3P
   10A TRIACS
BTA10A UTC-BTA10A Datasheet
166Kb / 3P
   10A TRIACS
BTB10 UTC-BTB10 Datasheet
158Kb / 3P
   10A TRIACS
BTB10 UTC-BTB10_15 Datasheet
163Kb / 3P
   10A TRIACS
logo
Nell Semiconductor Co.,...
10TT06A-BW NELLSEMI-10TT06A-BW Datasheet
300Kb / 6P
   TRIACs, 10A Snubberless and Standard
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com