Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMAJ20A Fiches technique(PDF) 6 Page - Dongguan City Niuhang Electronics Co.LTD

No de pièce SMAJ20A
Description  TRANSIENT VOLTAGE SUPPRESSOR DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Site Internet  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

SMAJ20A Fiches technique(HTML) 6 Page - Dongguan City Niuhang Electronics Co.LTD

  SMAJ20A Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD SMAJ20A Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD SMAJ20A Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD SMAJ20A Datasheet HTML 4Page - Dongguan City Niuhang Electronics Co.LTD SMAJ20A Datasheet HTML 5Page - Dongguan City Niuhang Electronics Co.LTD SMAJ20A Datasheet HTML 6Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
http://www.dgniuhang.com
Page: 6 of 6
Date:2014/10/20
Rev.:AA
Production
Data Sheet
Niu Hang
Electronic Co. Ltd
TRANSIENT VOLTAGE SUPPRESSOR DIODES
SMAJ5.0A/CA THRU SMAJ300A/CA
PACKAGING INFORMATION
Part Number
Component
Package
Quantity
Packaging
Option
Packaging Specification
SMAJxxxXX
DO-214AC
2000
Tape&Reel
EIA RS-481
Symbol
Dimension (mm)
A
12.00±0.20
G0
4.00±0.10
G1
4.00±0.10
G2
2.00±0.10
D
Φ1.5±0.10
D0
Φ1.5±0.10
E
1.75±0.10
F
5.50±0.05
B
2.79±0.10
J
5.33±0.10
I
2.55±0.15
T
0.25±0.05
H1
Φ178.0±2.0
H2
Φ50.0Min.
H3
Φ13.0±0.5
W1
16.0±2.0
Quantity: 2000PCS
A
J
G0
G1
G2
D
D0
B
B
B
H1
H2
H3
W1
I
B


Numéro de pièce similaire - SMAJ20A

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Leiditech Elec...
SMAJ20A LEIDITECH-SMAJ20A Datasheet
1Mb / 7P
   SMAJ Series 400W Transient Voltage Suppressor
Rev : 01.06.2014
logo
Littelfuse
SMAJ20A LITTELFUSE-SMAJ20A Datasheet
3Mb / 146P
   TVS Diode Products
logo
Yangzhou yangjie electr...
SMAJ20A YANGJIE-SMAJ20A Datasheet
183Kb / 7P
   Surface Mount Transient Voltage Suppressor Diodes
logo
Jinan Gude Electronic D...
SMAJ20A JGD-SMAJ20A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Cystech Electonics Corp...
SMAJ20A CYSTEKEC-SMAJ20A Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
More results

Description similaire - SMAJ20A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com