Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KSB834W Fiches technique(PDF) 2 Page - Inchange Semiconductor Company Limited

No de pièce KSB834W
Description  isc Silicon PNP Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

KSB834W Fiches technique(HTML) 2 Page - Inchange Semiconductor Company Limited

  KSB834W Datasheet HTML 1Page - Inchange Semiconductor Company Limited KSB834W Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon PNP Power Transistor
KSB834W
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -3.0A; IB= -300mA
-1
V
VBE(on)
Base-Emitter On Voltage
IC= -0.5A; VCE=-5V
-1
V
ICBO
Collector Cutoff Current
VCB= -60V; IE= 0
-100
μ
A
IEBO
Emitter Cutoff Current
VEB= -7V; IC= 0
-100
μ
A
hFE1
DC Current Gain
IC=- 0.5A; VCE=- 5V
60
200
hFE2
DC Current Gain
IC= -3A; VCE= -5V
20
fT
Current-Gain—Bandwidth Product
IC= -0.5A; VCE= -5V
9
MHz
Cob
Collector output capacitance
VCB=-10V ,IE=0,f=1MHz
150
pF
hFE-1 Classifications
O
Y
60-120
100-200


Numéro de pièce similaire - KSB834W

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KSB834W FAIRCHILD-KSB834W Datasheet
28Kb / 3P
   Low Frequency Power Amplifier
KSB834W FAIRCHILD-KSB834W Datasheet
33Kb / 3P
   Low Frequency Power Amplifier
KSB834WYTM FAIRCHILD-KSB834WYTM Datasheet
33Kb / 3P
   Low Frequency Power Amplifier
More results

Description similaire - KSB834W

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
STD888 ISC-STD888 Datasheet
227Kb / 2P
   isc Silicon PNP Power Transistor
2SB1157-3PFA ISC-2SB1157-3PFA Datasheet
152Kb / 2P
   isc Silicon PNP Power Transistor
KTB1366 ISC-KTB1366 Datasheet
150Kb / 2P
   isc Silicon PNP Power Transistor
KSH210 ISC-KSH210 Datasheet
336Kb / 3P
   isc Silicon PNP Power Transistor
BUX78 ISC-BUX78 Datasheet
213Kb / 2P
   isc Silicon PNP Power Transistor
BDS18 ISC-BDS18 Datasheet
193Kb / 2P
   isc Silicon PNP Power Transistor
2N3197 ISC-2N3197 Datasheet
260Kb / 2P
   isc Silicon PNP Power Transistor
2SA1649 ISC-2SA1649 Datasheet
283Kb / 2P
   isc Silicon PNP Power Transistor
2SB538 ISC-2SB538 Datasheet
249Kb / 2P
   isc Silicon PNP Power Transistor
2SB724 ISC-2SB724 Datasheet
257Kb / 2P
   isc Silicon PNP Power Transistor
BD844 ISC-BD844_17 Datasheet
276Kb / 2P
   isc Silicon PNP Power Transistor
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com