Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX1H-TF Fiches technique(PDF) 3 Page - IQD Frequency Products Ltd

No de pièce CX1H-TF
Description  Quartz Crystal Specification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IQD [IQD Frequency Products Ltd]
Site Internet  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

CX1H-TF Fiches technique(HTML) 3 Page - IQD Frequency Products Ltd

  CX1H-TF Datasheet HTML 1Page - IQD Frequency Products Ltd CX1H-TF Datasheet HTML 2Page - IQD Frequency Products Ltd CX1H-TF Datasheet HTML 3Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CX1H TF
Quartz Crystal Specification
CX1H Typical Motional Capacitance
CX1H Typical Quality Factor
CX1H Typical Turning Point Temperature
Conventional Series Oscillator Circuit
Printed on 2 Jun 16 12:00 using Model Data Sheet V1.2550
Page 3 of 3
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Numéro de pièce similaire - CX1H-TF

FabricantNo de pièceFiches techniqueDescription
logo
EUROQUARTZ limited
CX1H EUROQUARTZ-CX1H Datasheet
290Kb / 2P
   Frequency Range 10kHz to 600kHz
logo
STATEK CORPORATION
CX1H STATEK-CX1H Datasheet
165Kb / 2P
   Miniature Quartz Crystal for Series Oscillators
logo
RSG Electronic Componen...
CX1HCSM1 RSG-CX1HCSM1 Datasheet
533Kb / 2P
   10 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Series Oscillators
CX1HCSM2 RSG-CX1HCSM2 Datasheet
533Kb / 2P
   10 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Series Oscillators
CX1HCSM3 RSG-CX1HCSM3 Datasheet
533Kb / 2P
   10 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Series Oscillators
More results

Description similaire - CX1H-TF

FabricantNo de pièceFiches techniqueDescription
logo
IQD Frequency Products ...
HC49-2.5HSMX IQD-HC49-2.5HSMX Datasheet
624Kb / 2P
   Quartz Crystal Specification
HC49-3.5HSMX IQD-HC49-3.5HSMX Datasheet
682Kb / 2P
   Quartz Crystal Specification
CFPX-98 IQD-CFPX-98 Datasheet
307Kb / 2P
   Quartz Crystal Specification
CFPX-217 IQD-CFPX-217 Datasheet
209Kb / 2P
   Quartz Crystal Specification
CFPX-218-AUTO IQD-CFPX-218-AUTO Datasheet
188Kb / 2P
   Quartz Crystal Specification
CX4-AT IQD-CX4-AT Datasheet
123Kb / 2P
   Quartz Crystal Specification
4SMX IQD-4SMX Datasheet
250Kb / 2P
   Quartz Crystal Specification
91SMX IQD-91SMX Datasheet
146Kb / 2P
   Quartz Crystal Specification
CX1-AT IQD-CX1-AT Datasheet
162Kb / 3P
   Quartz Crystal Specification
HC49-4H IQD-HC49-4H Datasheet
486Kb / 3P
   Quartz Crystal Specification
IQXC-30 IQD-IQXC-30 Datasheet
654Kb / 2P
   Quartz Crystal Specification
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com