Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX1-EXT Fiches technique(PDF) 2 Page - IQD Frequency Products Ltd

No de pièce CX1-EXT
Description  Quartz Crystal Specification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IQD [IQD Frequency Products Ltd]
Site Internet  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

CX1-EXT Fiches technique(HTML) 2 Page - IQD Frequency Products Ltd

  CX1-EXT Datasheet HTML 1Page - IQD Frequency Products Ltd CX1-EXT Datasheet HTML 2Page - IQD Frequency Products Ltd CX1-EXT Datasheet HTML 3Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CX1 EXT
Quartz Crystal Specification
Frequency Parameters
Frequency
530.0kHz to 2.1MHz
±500.00ppm to ±10,000.00ppm
Frequency Tolerance
@ 25°C
Tolerance Condition
±5ppm max in 1st year @ 25°C
Ageing
Turning Point: 35°C standard
Other values are available - please contact an IQD Sales
Office
Temperature Coefficient: -0.035ppm/°C² typ
Note: Frequency f at temperature T is related to frequency fo
at turning point temperature To by: (f-fo)/fo = k(T-To)²
Function Mode: Extensional
Note: Tighter Frequency Tolerances are available - please
contact an IQD Sales Office
Electrical Parameters
7.0pF
Load Capacitance (CL)
1.3pF typ
Shunt Capacitance (C0)
3µW max
Drive Level
Typical Motional Values:
Freq (Hz) 555k 614k 1.0M 1.4M 1.8432M 2.1M
R1 (Ω)
600 275 500 775
300
475
C1 (fF)
2.5 3.6
2.0
1.5
2.8
2.6
Q (k)
170 260 190 100
110
70
C0 (pF)
1.2 1.3
1.1
1.0
1.3
1.3
Note: Other Load Capacitances are available - please contact
an IQD Sales Office
Operating Temperature Ranges
-10 to 70°C
-40 to 85°C
-55 to 125°C
Environmental Parameters
Shock: 750g, 0.3ms, 1.2 sine
Vibration: 10G rms, 20-1000Hz random
Storage Temperature Range: -55 to 125°C
Manufacturing Details
Maximum Process Temperature: 260°C for 20sec max
Ordering Information
Frequency*
Model*
Lid Variant*
Termination Variant*
Frequency Tolerance (@ 25°C)*
Operating Temperature Range*
Load Capacitance*
(*minimum required)
Lid Variants:
Blank = Glass
C = Ceramic
Termination Variants:
SM1 = Gold Plated
SM4 = Solder Plated
SM5 = Solder Dipped
Note: non-RoHS compliant terminations are available - please
contact an IQD Sales Office
Example
1.40MHz CX1 EXT-SM1
1000/-/-40+85C/7
Printed on 25 Apr 16 12:01 using Model Data Sheet V1.2550
Page 2 of 3
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Numéro de pièce similaire - CX1-EXT

FabricantNo de pièceFiches techniqueDescription
logo
IQD Frequency Products ...
CX1-AT IQD-CX1-AT Datasheet
162Kb / 3P
   Quartz Crystal Specification
More results

Description similaire - CX1-EXT

FabricantNo de pièceFiches techniqueDescription
logo
IQD Frequency Products ...
HC49-2.5HSMX IQD-HC49-2.5HSMX Datasheet
624Kb / 2P
   Quartz Crystal Specification
HC49-3.5HSMX IQD-HC49-3.5HSMX Datasheet
682Kb / 2P
   Quartz Crystal Specification
CFPX-98 IQD-CFPX-98 Datasheet
307Kb / 2P
   Quartz Crystal Specification
CFPX-217 IQD-CFPX-217 Datasheet
209Kb / 2P
   Quartz Crystal Specification
CFPX-218-AUTO IQD-CFPX-218-AUTO Datasheet
188Kb / 2P
   Quartz Crystal Specification
CX4-AT IQD-CX4-AT Datasheet
123Kb / 2P
   Quartz Crystal Specification
4SMX IQD-4SMX Datasheet
250Kb / 2P
   Quartz Crystal Specification
91SMX IQD-91SMX Datasheet
146Kb / 2P
   Quartz Crystal Specification
CX1-AT IQD-CX1-AT Datasheet
162Kb / 3P
   Quartz Crystal Specification
HC49-4H IQD-HC49-4H Datasheet
486Kb / 3P
   Quartz Crystal Specification
IQXC-30 IQD-IQXC-30 Datasheet
654Kb / 2P
   Quartz Crystal Specification
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com