Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9952YSV Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD9952YSV
Description  400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9952YSV Fiches technique(HTML) 5 Page - Analog Devices

  AD9952YSV Datasheet HTML 1Page - Analog Devices AD9952YSV Datasheet HTML 2Page - Analog Devices AD9952YSV Datasheet HTML 3Page - Analog Devices AD9952YSV Datasheet HTML 4Page - Analog Devices AD9952YSV Datasheet HTML 5Page - Analog Devices AD9952YSV Datasheet HTML 6Page - Analog Devices AD9952YSV Datasheet HTML 7Page - Analog Devices AD9952YSV Datasheet HTML 8Page - Analog Devices AD9952YSV Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD9952
Rev. 0 | Page 5 of 28
Parameter
Temp
Min
Typ
Max
Unit
COMPARATOR INPUT CHARACTERISTICS
Input Capacitance
25°C
3
pF
Input Resistance
25°C
500
kΩ
Input Current
25°C
±12
µA
Hysteresis
25°C
30
45
mA
COMPARATOR OUTPUT CHARACTERISTICS
Logic 1 Voltage, High Z Load
FULL
1.6
V
Logic 0 Voltage, High Z Load
FULL
0.4
V
Propagation Delay
25°C
3
ns
Output Duty Cycle Error
25°C
±5
%
Rise/Fall Time, 5 pF Load
25°C
1
ns
Toggle Rate, High Z Load
25°C
200
MHz
Output Jitter2
25°C
1
ps rms
COMPARATOR NARROW-BAND SFDR
10 MHz (1 MHz)
25°C
80
dBc
10 MHz (250 kHz)
25°C
85
dBc
10 MHz (50 kHz)
25°C
90
dBc
10 MHz (10 kHz)
25°C
95
dBc
70 MHz (1 MHz)
25°C
80
dBc
70 MHz (250 kHz)
25°C
85
dBc
70 MHz (50 kHz)
25°C
90
dBc
70 MHz (10 kHz)
25°C
95
dBc
110 MHz (1 MHz)
25°C
80
dBc
110 MHz (250 kHz)
25°C
85
dBc
110 MHz (50 kHz)
25°C
90
dBc
110 MHz (10 kHz)
25°C
95
dBc
140 MHz (1 MHz)
25°C
80
dBc
140 MHz (250 kHz)
25°C
85
dBc
140 MHz (50 kHz)
25°C
90
dBc
140 MHz (10 kHz)
25°C
95
dBc
160 MHz (1 MHz)
25°C
80
dBc
160 MHz (250 kHz)
25°C
85
dBc
160 MHz (50 kHz)
25°C
90
dBc
160 MHz (10 kHz)
25°C
95
dBc
CLOCK GENERATOR OUTPUT JITTER3
5 MHz AOUT
25°C
100
ps rms
10 MHz AOUT
25°C
60
ps rms
40 MHz AOUT
25°C
50
ps rms
80 MHz AOUT
25°C
50
ps rms
120 MHz AOUT
25°C
50
ps rms
140 MHz AOUT
25°C
50
ps rms
160 MHz AOUT
25°C
50
ps rms
TIMING CHARACTERISTICS
Serial Control Bus
Maximum Frequency
FULL
25
Mbps
Minimum Clock Pulse Width Low
FULL
7
ns
Minimum Clock Pulse Width High
FULL
7
ns
Maximum Clock Rise/Fall Time
FULL
2
ns
Minimum Data Setup Time DVDD_I/O = 3.3 V
FULL
3
ns
Minimum Data Setup Time DVDD_I/O = 1.8 V
FULL
5
ns
Minimum Data Hold Time
FULL
0
ns
Maximum Data Valid Time
FULL
25
ns


Numéro de pièce similaire - AD9952YSV

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9952YSV AD-AD9952YSV Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9952YSV-REEL7 AD-AD9952YSV-REEL7 Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9952YSVZ AD-AD9952YSVZ Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9952YSVZ-REEL7 AD-AD9952YSVZ-REEL7 Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
More results

Description similaire - AD9952YSV

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9953YSVZ AD-AD9953YSVZ Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9951 AD-AD9951 Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
AD9952YSVZ AD-AD9952YSVZ Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9953 AD-AD9953_15 Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9954 AD-AD9954 Datasheet
1Mb / 36P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9951 AD-AD9951_15 Datasheet
480Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9954 AD-AD9954_09 Datasheet
472Kb / 40P
   400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
AD9951YSVZ AD-AD9951YSVZ Datasheet
480Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9952 AD-AD9952_15 Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9859 AD-AD9859 Datasheet
574Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com