Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8305 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD8305
Description  100 dB Range (10 nA to 1 mA) Logarithmic Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8305 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD8305 Datasheet HTML 6Page - Analog Devices AD8305 Datasheet HTML 7Page - Analog Devices AD8305 Datasheet HTML 8Page - Analog Devices AD8305 Datasheet HTML 9Page - Analog Devices AD8305 Datasheet HTML 10Page - Analog Devices AD8305 Datasheet HTML 11Page - Analog Devices AD8305 Datasheet HTML 12Page - Analog Devices AD8305 Datasheet HTML 13Page - Analog Devices AD8305 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. A
–10–
AD8305
Managing Intercept and Slope
When using a single supply, VRDZ should be directly connected
to VREF to allow operation over the entire five-decade input
current range. As noted previously, this introduces an accurate
offset voltage of 0.8 V at the VLOG pin, equivalent to four decades,
resulting in a logarithmic transfer function that can be written as:
VV
I
I
VI
I
LOG
Y
PD
REF
YPD
INTC
()
=
()
log
/
log
/
10
4
10
10
(6)
where IINTC = IREF/10
4
Thus, the effective intercept current IINTC is only one ten-
thousandth of IREF, corresponding to 1 nA when using the
recommended value of IREF = 10
mA.
The slope can be reduced by attaching a resistor to the VLOG
pin. This is strongly discouraged, in view of the fact that the
on-chip resistors will not ratio correctly to the added resistance.
Also, it is rare that one would want to lower the basic slope of
10 mV/dB; if this is needed, it should be effected at the low
impedance output of the buffer, which is provided to avoid such
miscalibration and also allow higher slopes to be used.
The AD8305 buffer is essentially an uncommitted op amp with
rail-to-rail output swing, good load-driving capabilities and a
unity-gain bandwidth of >12 MHz. In addition to allowing the
introduction of gain, using standard feedback networks and
thereby increasing the slope voltage VY, the buffer can be used
to implement multipole low-pass filters, threshold detectors,
and a variety of other functions. Further details of these can be
found in the AD8304 data sheet.
Response Time and Noise Considerations
The response time and output noise of the AD8305 are funda-
mentally a function of the signal current IPD. For small currents,
the bandwidth is proportional to IPD, as shown in TPC 13. The
output low frequency voltage-noise spectral-density is a function
of IPD (TPC 15) and also increases for small values of IREF.
Details of the noise and bandwidth performance of translinear
log amps can be found in the AD8304 Data Sheet.
APPLICATIONS
The AD8305 is easy to use in optical supervisory systems and in
similar situations where a wide ranging current is to be converted
to its logarithmic equivalent, which is represented in decibel
terms. Basic connections for measuring a single-current input are
shown in Figure 2, which also includes various nonessential com-
ponents, as will be explained.
BIAS
GENERATOR
VLOG
COMM
VNEG
VSUM
IREF
0.5V
80k
0.5V
TEMPERATURE
COMPENSATION
VBE2
6.69k
Q1
COMM
20k
451
VREF
VRDZ
14.2k
Q2
INPT
COMM
2.5V
VPOS
BFIN
SCAL
VOUT
ILOG
IPD
200k
0.5 log10
IPD
( )
1nA
1nF
1nF
1k
VBIAS
1nF
1k
12k
+5V
CFLT
10nF
8k
+
VBE1
Figure 2. Basic Connections for Fixed Intercept Use
The 2 V difference in voltage between the VREF and INPT pins
in conjunction with the external 200 k
W resistor RREF provide a
reference current IREF of 10
mA into Pin IREF. Connecting pin
VRDZ to VREF raises the voltage at VLOG by 0.8 V, effectively
lowering the intercept current IINTC by a factor of 104 to position
it at 1 nA. A wide range of other values for IREF, from under
100 nA to over 1 mA, may be used. The effect of such changes
is shown in TPC 3.
Any temperature variation in RREF must be taken into account
when estimating the stability of the intercept. Also, the overall
noise will increase when using very low values of IREF. In fixed-
intercept applications, there is little benefit in using a large
reference current, since this only compresses the low current
end of the dynamic range when operated from a single supply,
here shown as 5 V. The capacitor between VSUM and ground
is recommended to minimize the noise on this node and to help
provide a clean reference current.
Since the basic scaling at VLOG is 0.2 V/decade, and thus a swing
of 4 V at the buffer output would correspond to 20 decades, it will
often be useful to raise the slope to make better use of the rail-
to-rail voltage range. For illustrative purposes, the circuit in
Figure 2 provides an overall slope of 0.5 V/decade (25 mV/dB).
Thus, using IREF = 10
mA, VLOG runs from 0.2 V at IPD = 10 nA
to 1.4 V at IPD = 1 mA while the buffer output runs from 0.5 V to
3.5 V, corresponding to a dynamic range of 120 dB (electrical,
that is, 60 dB optical power).
The optional capacitor from VLOG to ground forms a single-pole
low-pass filter in combination with the 4.55 k
W resistance at this
pin. For example, using a CFLT of 10 nF, the –3 dB corner
frequency is 3.5 kHz. Such filtering is useful in minimizing the
output noise, particularly when IPD is small. Multipole filters are
more effective in reducing the total noise; examples are provided
in the AD8304 data sheet.


Numéro de pièce similaire - AD8305

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8305 AD-AD8305 Datasheet
429Kb / 24P
   100 dB Range (10 nA to 1 mA) ogarithmic Converter
REV. B
AD8305 AD-AD8305 Datasheet
560Kb / 24P
   Range Logarithmic Converter
AD8305 AD-AD8305 Datasheet
429Kb / 24P
   100 dB Range Logarithmic Converter
REV. B
AD8305-EVALZ AD-AD8305-EVALZ Datasheet
429Kb / 24P
   100 dB Range (10 nA to 1 mA) ogarithmic Converter
REV. B
AD8305-EVALZ AD-AD8305-EVALZ Datasheet
560Kb / 24P
   Range Logarithmic Converter
More results

Description similaire - AD8305

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8305ACPZ AD-AD8305ACPZ Datasheet
429Kb / 24P
   100 dB Range (10 nA to 1 mA) ogarithmic Converter
REV. B
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
   120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
   120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
ADL5310 AD-ADL5310 Datasheet
665Kb / 20P
   120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
AD8304 AD-AD8304 Datasheet
4Mb / 20P
   160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
AD8304ARUZ AD-AD8304ARUZ Datasheet
579Kb / 20P
   160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
ADL5306 AD-ADL5306 Datasheet
811Kb / 16P
   60 dB Range (100 nA to 100 UA) Low Cost Logarithmic Converter
REV. 0
ADL5303 AD-ADL5303 Datasheet
468Kb / 24P
   160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
REV. 0
AD8305 AD-AD8305_15 Datasheet
429Kb / 24P
   100 dB Range Logarithmic Converter
REV. B
ADL5308 AD-ADL5308 Datasheet
1Mb / 22P
   Fast Response 188 dB Range (10 pA to 25 mA) Logarithmic Converter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com