Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7873BRQ Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD7873BRQ
Description  Touch Screen Digitizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7873BRQ Fiches technique(HTML) 5 Page - Analog Devices

  AD7873BRQ Datasheet HTML 1Page - Analog Devices AD7873BRQ Datasheet HTML 2Page - Analog Devices AD7873BRQ Datasheet HTML 3Page - Analog Devices AD7873BRQ Datasheet HTML 4Page - Analog Devices AD7873BRQ Datasheet HTML 5Page - Analog Devices AD7873BRQ Datasheet HTML 6Page - Analog Devices AD7873BRQ Datasheet HTML 7Page - Analog Devices AD7873BRQ Datasheet HTML 8Page - Analog Devices AD7873BRQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD7873
Rev. D | Page 5 of 28
TIMING SPECIFICATIONS
TA = TMIN to TMAX, unless otherwise noted; VCC = 2.7 V to 5.25 V, VREF = 2.5 V.
Table 2. Timing Specifications1
Parameter
Limit at TMIN, TMAX
Unit
Description
fDCLK2
10
kHz min
2
MHz max
tACQ
1.5
µs min
Acquisition time
t1
10
ns min
CS falling edge to first DCLK rising edge
t2
60
ns max
CS falling edge to busy three-state disabled
t33
60
ns max
CS falling edge to DOUT three-state disabled
t4
200
ns min
DCLK high pulse width
t5
200
ns min
DCLK low pulse width
t6
60
ns max
DCLK falling edge to BUSY rising edge
t7
10
ns min
Data setup time prior to DCLK rising edge
t8
10
ns min
Data valid to DCLK hold time
t9
3
200
ns max
Data access time after DCLK falling edge
t10
0
ns min
CS rising edge to DCLK ignored
t11
100
ns max
CS rising edge to BUSY high impedance
t124
100
ns max
CS rising edge to DOUT high impedance
1 Sample tested at 25°C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of VCC) and timed from a voltage level of 1.6 V.
2 Mark/Space ratio for the DCLK input is 40/60 to 60/40.
3 Measured with the load circuit of
and defined as the time required for the output to cross 0.4 V or 2.0 V.
Figure 2
Figure 2
4 t12 is derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of
. The measured number is then extrapolated
back to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t12, quoted in the timing characteristics is the true bus relinquish
time of the part and is independent of the bus loading.
200
µA
1.6V
200
µA
IOL
IOH
TO
OUTPUT
PIN
CL
50pF
Figure 2. Load Circuit for Digital Output Timing Specifications


Numéro de pièce similaire - AD7873BRQ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7873BRQZ AD-AD7873BRQZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873BRQZ AD-AD7873BRQZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873BRQZ AD-AD7873BRQZ Datasheet
480Kb / 29P
   Touch Screen Digitizer
AD7873BRQZ-REEL AD-AD7873BRQZ-REEL Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873BRQZ-REEL AD-AD7873BRQZ-REEL Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
More results

Description similaire - AD7873BRQ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7873 AD-AD7873_15 Datasheet
657Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873ACP-REEL7 AD-AD7873ACP-REEL7 Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7843 AD-AD7843 Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
AD7873ARQZ AD-AD7873ARQZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7843 AD-AD7843_17 Datasheet
304Kb / 21P
   Touch Screen Digitizer
AD7843 AD-AD7843_15 Datasheet
480Kb / 21P
   Touch Screen Digitizer
REV. B
AD7843ARUZ AD-AD7843ARUZ Datasheet
440Kb / 21P
   Touch Screen Digitizer
REV. B
AD7873 AD-AD7873_17 Datasheet
480Kb / 29P
   Touch Screen Digitizer
logo
Semtech Corporation
UR7HCTS2-U860 SEMTECH-UR7HCTS2-U860 Datasheet
107Kb / 12P
   High-Performance USB Touch Screen Controller / Digitizer
UR7HCTS2-S840 SEMTECH-UR7HCTS2-S840 Datasheet
157Kb / 16P
   High-Performance, Low Power Touch Screen Controller/Digitizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com