Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA15532F Fiches technique(PDF) 6 Page - Rohm

No de pièce BA15532F
Description  Low Noise Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA15532F Fiches technique(HTML) 6 Page - Rohm

Back Button BA15532F Datasheet HTML 2Page - Rohm BA15532F Datasheet HTML 3Page - Rohm BA15532F Datasheet HTML 4Page - Rohm BA15532F Datasheet HTML 5Page - Rohm BA15532F Datasheet HTML 6Page - Rohm BA15532F Datasheet HTML 7Page - Rohm BA15532F Datasheet HTML 8Page - Rohm BA15532F Datasheet HTML 9Page - Rohm BA15532F Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200070-1-2
©2013 ROHM Co., Ltd. All rights reserved.
6/18
13.Sep.2013 Rev.001
TSZ22111・15・001
BA15532F
-20
-15
-10
-5
0
5
10
15
20
±0
±4
±8
±12
±16
±20
±24
Supply Voltage [V]
-20
-15
-10
-5
0
5
10
15
20
-50
-25
0
255075
100
Ambient Temperature [°C]
-20
-15
-10
-5
0
5
10
15
20
0
5
10
15
20
25
Output Current [mA]
Typical Performance Curves - continued
○BA15532F
(*)
The above data is measurement value of typical sample, it is not guaranteed.
-20
-15
-10
-5
0
5
10
15
20
0.1
1
10
Load Resistance [k
Ω]
VOH
VOL
VOH
VOL
VOH
VOL
Figure 6.
Maximum Output Voltage
vs Load Resistance
(VCC/VEE=+15V/-15V, TA=25°C)
Figure 7.
Maximum Output Voltage
vs Supply Voltage
(RL=600Ω, TA=25°C)
Figure 8.
Maximum Output Voltage
vs Ambient Temperature
(VCC/VEE=+15V/-15V, RL=2kΩ)
Figure 9.
Maximum Output Voltage
vs Output Current
(VCC/VEE=+15V/-15V, TA=25°C)
VOL
VOH


Numéro de pièce similaire - BA15532F

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA15532F ROHM-BA15532F Datasheet
56Kb / 4P
   Dual high slew rate, low noise operational amplifier
BA15532F ROHM-BA15532F Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
BA15532F ROHM-BA15532F Datasheet
1Mb / 49P
   Low Noise Operational Amplifiers
BA15532F ROHM-BA15532F Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA15532F ROHM-BA15532F Datasheet
952Kb / 50P
   Low Noise Operational Amplifiers
More results

Description similaire - BA15532F

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
LM4559F ROHM-LM4559F Datasheet
380Kb / 20P
   Low Noise Operational Amplifier
LM4565F ROHM-LM4565F Datasheet
379Kb / 20P
   Low Noise Operational Amplifier
logo
Toshiba Semiconductor
TC75S61TU TOSHIBA-TC75S61TU Datasheet
206Kb / 7P
   Single Operational Amplifier (Low Noise Operational Amplifier)
TC75S63TU TOSHIBA-TC75S63TU Datasheet
243Kb / 9P
   Single Operational Amplifier (Low Noise Operational Amplifier)
logo
Rohm
LM4559F-E2 ROHM-LM4559F-E2 Datasheet
849Kb / 29P
   Low Noise Operational Amplifier
LM4565F-E2 ROHM-LM4565F-E2 Datasheet
696Kb / 28P
   Low Noise Operational Amplifier
LM4565XXX ROHM-LM4565XXX Datasheet
694Kb / 27P
   Low Noise Operational Amplifier
15.Apr.2014 Rev.003
logo
Toshiba Semiconductor
TC75S67TU TOSHIBA-TC75S67TU Datasheet
1Mb / 11P
   Single Operational Amplifier (Ultra Low Noise Operational Amplifier)
2019-08-19 Rev1.4
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_08 Datasheet
142Kb / 12P
   Low noise quad operational amplifier
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com