Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM140-MH1 Fiches technique(PDF) 1 Page - Frontier Electronics.

No de pièce FM140-MH1
Description  1A SMD SCHOTTKY BARRIER RECTIFIERS, 40V-200V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRONTIER [Frontier Electronics.]
Site Internet  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FM140-MH1 Fiches technique(HTML) 1 Page - Frontier Electronics.

  FM140-MH1 Datasheet HTML 1Page - Frontier Electronics. FM140-MH1 Datasheet HTML 2Page - Frontier Electronics. FM140-MH1 Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FM140-MH1 THRU FM1200-MH1 SPECIFICATION
Rev. A
Frontier Electronics Corp.
®
Page 1 of 3
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989
1A SMD SCHOTTKY BARRIER RECTIFIERS, 40V-200V
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS (TA =25°C UNLESS OTHERWISE NOTED ) AND ELECTRICAL CHARACTERISTICS
RATING
SYMBOL
V
A
L
U
E
UNITS
MAXIMUM FORWARD RECTIFIED CURRENT
IO
1
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF SINE-WAVE
SUPERIMPOSED ON RATED LOAD
IFSM
30
A
TYPICAL JUNCTION CAPACITANCE BETWEEN TERMINALS (NOTE 1)
CJ
120
pF
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO +150
°C
OPERATING JUNCTION TEMPERATURE RANGE (NOTE 2)
TJ
- 55 TO +150
°C
MAX. DC REVERSE CURRENT AT RATED DC BLOCKING VOLTAGE TJ= 25°C
IR
0.5
mA
MAX. DC REVERSE CURRENT AT RATED DC BLOCKING VOLTAGE TJ= 125°C
IR
10
mA
TYPICAL THERMAL RESISTANCE
RƟJA
80
°C/W
RƟJC
40
°C/W
PART
NUMBER
MAX RECURRENT PK REVERSE
VOLTAGE/DC BLOCKING VRRM/VR
(V)
MAX VRMS
(V)
TYPICAL FORWARD
VOLTAGE AT IF = 1A
VF (V)
MARKING
FM140-MH1
40
28
0.50
14
FM160-MH1
60
42
0.70
16
FM1100-MH1
100
70
0.85
10
FM1150-MH1
150
105
0.90
115
FM1200-MH1
200
140
0.92
120
NOTE︰ 1. MEASURE AT 1MHz WITH 4VDC REVERSE VOLTAGE APPLIED .
2. THE FM140-MH1 OPERATING JUNCTION TEMPERATURE RANGE IS FROM -55 TO +125°C
3. CURRENT RATING IS BASED ON SINGLE PHASE, 1/2 WAVE, 60HZ, RESISTIVE, OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD,
DERATE CURRENT BY 20%.
PRODUCT FEATURES
1.
FLAMMABILITY CLASSIFICATION 94V-0
2.
EXCELLENT REVERSE LEAKAGE CURRENT AND
THERMAL RESISTANCE
3.
HIGH CURRENT CAPABILITY, LOW POWER LOSS
4.
SILICON EPITAXIAL PLANAR CHIP, METAL SILICON
JUNCTION
5.
GUARDRING FOR OVERVOLTAGE PROTECTION
6.
CASE: TRANSFER MOLDED, SOD-123H1
7.
DIMENSIONS IN INCHES AND (MILLIMETERS)
8.
LEADS: SOLDERABILITY PER MIL-STD-750 METHOD 2026
9.
WEIGHT: 0.0103 GRAMS
10
RoHS COMPLIANT
, ADD SUFFIX “H” FOR HALOGEN FREE
i.e. FM140-MH1-H: RoHS COMPLIANT/HALOGEN FREE


Numéro de pièce similaire - FM140-MH1

FabricantNo de pièceFiches techniqueDescription
logo
Formosa MS
FM140-MH1 FORMOSA-FM140-MH1 Datasheet
69Kb / 7P
   Chip Schottky Barrier Rectifier
More results

Description similaire - FM140-MH1

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
SS1H4LS TSC-SS1H4LS Datasheet
215Kb / 4P
   1A, 40V - 200V Surface Mount Schottky Barrier Rectifiers
SS1H4LW TSC-SS1H4LW Datasheet
271Kb / 4P
   1A, 40V - 200V Surface Mount Schottky Barrier Rectifiers
logo
Frontier Electronics.
FM240-MH1-THRU-FM2200-MH1 FRONTIER-FM240-MH1-THRU-FM2200-MH1 Datasheet
609Kb / 3P
   2A SMD SCHOTTKY BARRIER RECTIFIERS, 40V-200V
FM120-MS-THRU-FM1200-MS FRONTIER-FM120-MS-THRU-FM1200-MS Datasheet
632Kb / 3P
   1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
FM120-S-THRU-FM1200-S FRONTIER-FM120-S-THRU-FM1200-S Datasheet
636Kb / 3P
   1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
FM120-NS-THRU-FM140-NS FRONTIER-FM120-NS-THRU-FM140-NS Datasheet
612Kb / 3P
   1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-40V
logo
SeCoS Halbleitertechnol...
SK140LFL SECOS-SK140LFL Datasheet
296Kb / 2P
   40V, 1A Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SP2040C WILLAS-SP2040C Datasheet
374Kb / 2P
   20.0A SCHOTTKY BARRIER RECTIFIERS -40V -200V
SR1640C WILLAS-SR1640C Datasheet
465Kb / 2P
   16.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
PACELEADER INDUSTRIAL
SR2040C PACELEADER-SR2040C Datasheet
485Kb / 2P
   20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com