Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX3322A Fiches technique(PDF) 10 Page - Keysight Technologies

No de pièce CX3322A
Description  Device Current Waveform Analyzer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEYSIGHT [Keysight Technologies]
Site Internet  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

CX3322A Fiches technique(HTML) 10 Page - Keysight Technologies

Back Button CX3322A Datasheet HTML 6Page - Keysight Technologies CX3322A Datasheet HTML 7Page - Keysight Technologies CX3322A Datasheet HTML 8Page - Keysight Technologies CX3322A Datasheet HTML 9Page - Keysight Technologies CX3322A Datasheet HTML 10Page - Keysight Technologies CX3322A Datasheet HTML 11Page - Keysight Technologies CX3322A Datasheet HTML 12Page - Keysight Technologies CX3322A Datasheet HTML 13Page - Keysight Technologies CX3322A Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10 | Keysight | CX3300 Series Device Current Waveform Analyzer - Data Sheet
Automatic Power and Current Profiler can eliminate time-consuming
power and current profile analysis.
Analysis of power or current profile is essential in order to know how much current is
consumed at a certain event or status, but it is time-consuming process. This profiler
automatically draws lines in the time scale by the vertical level difference and instantly
calculates key parameters such as average current, max./min. current, accumulated
charge, etc. for each segment in the adjacent table. You can also manually adjust the
segment according to your measured profile.
Executing user calibration before a measurement ensures that you can
make full use of the CX3300’s superior performance.
For low-level current measurements it is important to set “zero current” level before the
measurement. The CX3300 series mainframe features easy-to-use calibration capability
including mainframe and a current sensor connected. It can also calibrate with a passive
probe for more accurate dynamic power measurements.
An upgradable mainframe allows you to purchase the current most
affordable CX3300 series without sacrificing future measurement needs.
The CX3300 mainframe has the following options, allowing you to choose the best
specifications according to your budget and application needs.
– A two-channel model (CX3322A) and a four-channel model (CX3324A) 1
– Three maximum bandwidth options: 50 MHz, 100 MHz and 200 MHz
– Three memory depth options per channel: 16 Mpts, 64 Mpts and 256 Mpts
These upgrade license products are available for you to easily and quickly enhance the
bandwidth and the memory depth of the mainframe that you have previously purchased.
Please see the “CX3300 Series Configuration Guide” in detail.
1. Number of channels is not upgradable.
Figures 20a and 20b. Automatic Power and Current Profiler (20a) and the report table (20b)
Figure 21. Aux Out is used in the calibration
procedure for each channel by connecting the
sensors and probe adapter. As the connection
cable is included in the mainframe, you can
immediately start the User Calibration.
(20a)
(20b)


Numéro de pièce similaire - CX3322A

FabricantNo de pièceFiches techniqueDescription
logo
EUROQUARTZ limited
CX3 EUROQUARTZ-CX3 Datasheet
249Kb / 1P
   Tape and Reel Dimensions for CX Crystals
logo
IQD Frequency Products ...
CX3-AT IQD-CX3-AT Datasheet
179Kb / 2P
   Quartz Crystal Specification
CX3-EXT IQD-CX3-EXT Datasheet
217Kb / 3P
   Quartz Crystal Specification
logo
List of Unclassifed Man...
CX300 ETC-CX300 Datasheet
140Kb / 2P
   Microprocessor Timer
logo
Crydom Inc.,
CX300A5 CRYDOM-CX300A5 Datasheet
660Kb / 5P
   Ratings of 5A @ 660 VAC
More results

Description similaire - CX3322A

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
CX1202A KEYSIGHT-CX1202A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1203A KEYSIGHT-CX1203A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1101A KEYSIGHT-CX1101A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1103A KEYSIGHT-CX1103A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1152A KEYSIGHT-CX1152A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1151A KEYSIGHT-CX1151A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1201A KEYSIGHT-CX1201A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1204A KEYSIGHT-CX1204A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1205A KEYSIGHT-CX1205A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1102A KEYSIGHT-CX1102A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com