Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6203A1ZQVR Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce TPA6203A1ZQVR
Description  1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA6203A1ZQVR Fiches technique(HTML) 2 Page - Texas Instruments

  TPA6203A1ZQVR Datasheet HTML 1Page - Texas Instruments TPA6203A1ZQVR Datasheet HTML 2Page - Texas Instruments TPA6203A1ZQVR Datasheet HTML 3Page - Texas Instruments TPA6203A1ZQVR Datasheet HTML 4Page - Texas Instruments TPA6203A1ZQVR Datasheet HTML 5Page - Texas Instruments TPA6203A1ZQVR Datasheet HTML 6Page - Texas Instruments TPA6203A1ZQVR Datasheet HTML 7Page - Texas Instruments TPA6203A1ZQVR Datasheet HTML 8Page - Texas Instruments TPA6203A1ZQVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.ti.com
TPA6203A1
SLOS364C – MARCH 2002 – REVISED SEPTEMBER 2003
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted (1)
UNIT
Supply voltage, VDD
-0.3 V to 6.0 V
Input voltage, VI
-0.3 V to VDD +0.3V
Continuous total power dissipation
See Dissipation Rating Table
Operating free-air temperature, TA
-40
°C to 85°C
Junction temperature, TJ
-40
°C to 125°C
Storage temperature, Tstg
-65
°C to 150°C
ZQV
260
°C
Lead temperature 1,6 mm (1/16 Inch) from case for 10 seconds
GQV
235
°C
(1)
Stresses beyond those listed under "absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage, VDD
2.5
5.5
V
High-level input voltage, VIH
SHUTDOWN
2
V
Low-level input voltage, VIL
SHUTDOWN
0.8
V
Common-mode input voltage, VIC
VDD = 2.5 V, 5.5 V, CMRR ≤ -60 dB
0.5
VDD-0.8
V
Operating free-air temperature, TA
-40
85
°C
DISSIPATION RATINGS
TA≤ 25°C
TA = 70°C
TA = 85°C
PACKAGE
DERATING FACTOR
POWER RATING
POWER RATING
POWER RATING
GQV, ZQV
885 mW
8.8 mW/
°C
486 mW
354 mW
ORDERING INFORMATION
PACKAGED DEVICES (1) (2)
MICROSTAR JUNIOR™
MICROSTAR JUNIOR™
(GQV)
(ZQV)
Device
TPA6203A1GQVR
TPA6203A1ZQVR
Symbolization
AADI
AAEI
(1)
The GQV is the standard MicroStar Junior package. The ZQV is a lead-free option and is qualified for 260
° lead-free assembly.
(2)
The GQV and ZQV packages are only available taped and reeled. The suffix R designates taped and reeled parts.
2


Numéro de pièce similaire - TPA6203A1ZQVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6203A1ZQVR TI-TPA6203A1ZQVR Datasheet
1Mb / 27P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1ZQVR TI1-TPA6203A1ZQVR Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1ZQVR TI-TPA6203A1ZQVR Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

Description similaire - TPA6203A1ZQVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6203 UTC-PA6203 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_07 Datasheet
1Mb / 27P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6205A1 TI1-TPA6205A1 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6203 UTC-PA6203_15 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com