Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM201AN Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce LM201AN
Description  Non Compensated Single Operational Amplifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM201AN Fiches technique(HTML) 3 Page - ON Semiconductor

  LM201AN Datasheet HTML 1Page - ON Semiconductor LM201AN Datasheet HTML 2Page - ON Semiconductor LM201AN Datasheet HTML 3Page - ON Semiconductor LM201AN Datasheet HTML 4Page - ON Semiconductor LM201AN Datasheet HTML 5Page - ON Semiconductor LM201AN Datasheet HTML 6Page - ON Semiconductor LM201AN Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LM301A, LM201A, LM201AV
http://onsemi.com
3
MAXIMUM RATINGS
Value
Rating
Symbol
LM201A
LM201AV
LM301A
Unit
Power Supply Voltage
VCC, VEE
±22
±22
±18
Vdc
Input Differential Voltage
VID
±30
V
Input Common Mode Range (Note 1)
VICR
±15
V
Output Short Circuit Duration
tSC
Continuous
Power Dissipation (Package Limitation)
PD
Plastic Dual−In−Line Package
625
625
625
mW
Derate above TA = +25°C
5.0
5.0
5.0
mW/°C
Operating Ambient Temperature Range
TA
−25 to +85
−40 to +105
0 to +70
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted.) Unless otherwise specified, these specifications apply
for supply voltages from ±5.0 V to ±20 V for the LM201A and LM201AV, and from ±5.0 V to ±15 V for the LM301A.
Characteristic
Symbol
LM201A / LM201AV
LM301A
Unit
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage (RS ≤ 50 kW)
VIO
0.7
2.0
2.0
7.5
mV
Input Offset Current
IIO
1.5
10
3.0
50
nA
Input Bias Current
IIB
30
75
70
250
nA
Input Resistance
ri
1.5
4.0
0.5
2.0
MW
Supply Current
ICC,IEE
mA
VCC/VEE = ±20 V
1.8
3.0
VCC/VEE = ±15 V
1.8
3.0
Large Signal Voltage Gain
AV
50
160
25
160
V/mV
(VCC/VEE = ±15 V, VO = ±10 V, RL > 2.0 kW)
The following specifications apply over the operating temperature range.
Input Offset Voltage (RS ≤ 50 kW)
VIO
3.0
10
mV
Input Offset Current
IIO
20
70
nA
Avg Temperature Coefficient of Input Offset
Voltage (Note 2)
DVIO/DT
3.0
15
6.0
30
mV/°C
TA(min) ≤ TA ≤ TA (max)
Avg Temperature Coefficient of Input Offset
Current (Note 2)
DIIO/DT
nA/°C
+25°C ≤ TA ≤ TA (max)
0.01
0.1
0.01
0.3
TA(min) ≤ TA ≤ 25°C
0.02
0.2
0.02
0.6
Input Bias Current
IIB
100
300
nA
Large Signal Voltage Gain
AVOL
25
15
V/mV
(VCC/VEE = ±15 V, VO = ±10V, RL > 2.0 kW)
Input Voltage Range
VICR
V
VCC/VEE = ±20 V
−15
+15
VCC/VEE = ±15 V
−12
+12
Common Mode Rejection (RS ≤ 50 kW)
CMR
80
96
70
90
dB
Supply Voltage Rejection (RS ≤ 50 kW)
PSR
80
96
70
96
dB
Output Voltage Swing
VO
±12
±14
±12
±14
V
(VCC/VEE = ±15 V, RL = ±10 kW, RL > 2.0 kW)
±10
±13
±10
±13
Supply Currents (TA = TA(max), VCC/VEE = ±20 V)
ICC,IEE
1.2
2.5
mA
1. For supply voltages less than ±15 V, the absolute maximum input voltage is equal to the supply voltage.
2. Guaranteed by design.


Numéro de pièce similaire - LM201AN

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
LM201AN MOTOROLA-LM201AN Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM201AN NSC-LM201AN Datasheet
509Kb / 17P
   Operational Amplifiers
logo
STMicroelectronics
LM201AN STMICROELECTRONICS-LM201AN Datasheet
165Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
logo
ON Semiconductor
LM201AN ONSEMI-LM201AN Datasheet
94Kb / 8P
   Non Compensated Single Operational Amplifiers
July, 2005 ??Rev. 10
logo
National Semiconductor ...
LM201AN NSC-LM201AN Datasheet
608Kb / 20P
   Operational Amplifiers
More results

Description similaire - LM201AN

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LM301A ONSEMI-LM301A Datasheet
94Kb / 8P
   Non Compensated Single Operational Amplifiers
July, 2005 ??Rev. 10
logo
Siemens Semiconductor G...
TAA762 SIEMENS-TAA762 Datasheet
315Kb / 13P
   Single Operational Amplifiers
logo
Panasonic Semiconductor
AN1741 PANASONIC-AN1741 Datasheet
110Kb / 4P
   Single Operational Amplifiers
logo
Siemens Semiconductor G...
TBA221 SIEMENS-TBA221 Datasheet
317Kb / 9P
   Single Operational Amplifiers
logo
National Semiconductor ...
MJLM108A-X NSC-MJLM108A-X Datasheet
440Kb / 19P
   OPERATIONAL AMPLIFIERS (SINGLE)
logo
STMicroelectronics
LM201ADT STMICROELECTRONICS-LM201ADT Datasheet
227Kb / 11P
   SINGLE OPERATIONAL AMPLIFIERS
logo
Elantec Semiconductor
EL2423D ELANTEC-EL2423D Datasheet
328Kb / 1P
   Quad De-Compensated High Speed Operational Amplifiers
logo
Texas Instruments
TLV2211IDBVRG4 TI1-TLV2211IDBVRG4 Datasheet
713Kb / 31P
[Old version datasheet]   MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
logo
Siemens Semiconductor G...
TAE1453 SIEMENS-TAE1453 Datasheet
246Kb / 11P
   Single PNP-Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com