Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC2301IPAG Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TSC2301IPAG
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2301IPAG Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TSC2301IPAG Datasheet HTML 6Page - Texas Instruments TSC2301IPAG Datasheet HTML 7Page - Texas Instruments TSC2301IPAG Datasheet HTML 8Page - Texas Instruments TSC2301IPAG Datasheet HTML 9Page - Texas Instruments TSC2301IPAG Datasheet HTML 10Page - Texas Instruments TSC2301IPAG Datasheet HTML 11Page - Texas Instruments TSC2301IPAG Datasheet HTML 12Page - Texas Instruments TSC2301IPAG Datasheet HTML 13Page - Texas Instruments TSC2301IPAG Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 94 page
background image
www.ti.com
2.46
2.465
2.47
2.475
2.48
2.485
2.49
2.495
2.5
–50
0
50
100
1.225
1.23
1.235
1.24
1.245
1.25
1.255
1.26
1.265
1.27
1.275
Temperature (C)
500
600
700
800
900
–60
–40 –20
0
20
40
60
80
100
Temperature (5C)
Temperature (C)
0.9
0.95
1
1.05
1.1
1.15
1.2
–50
0
50
100
–104.00
–103.00
–102.00
–101.00
–100.00
–99.00
–98.00
–97.00
–60
–40
–20
0
20
40
60
80
100
Temperature (5C)
400
450
500
550
600
650
700
750
–50
0
50
100
Temperature (5C)
2.085
2.09
2.095
2.1
2.105
2.11
2.115
2.12
2.125
2.13
–50
0
50
100
Temperature (C)
TSC2301
SLAS371D – SEPTEMBER 2002 – REVISED AUGUST 2004
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, +VDD = +3.3 V, VREF = +2.5 V, fSAMPLE = 125 kHz, unless otherwise noted.
INTERNAL 2.5-V REFERENCE
DAC OUTPUT CURRENT
TEMP2 DIODE VOLTAGE
vs
vs
vs
TEMPERATURE
TEMPERATURE
TEMPERATURE
Figure 7.
Figure 8.
Figure 9.
TEMP1 DIODE VOLTAGE
MICBIAS
THD OF DAC (LINEOUT)
vs
vs
vs
TEMPERATURE
TEMPERATURE
TEMPERATURE
Figure 10.
Figure 11.
Figure 12.
10


Numéro de pièce similaire - TSC2301IPAG

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSC2301IPAG TI-TSC2301IPAG Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IPAGR TI-TSC2301IPAGR Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
More results

Description similaire - TSC2301IPAG

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSC2100 TI1-TSC2100_16 Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com