Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC2301IPAG Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TSC2301IPAG
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2301IPAG Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TSC2301IPAG Datasheet HTML 3Page - Texas Instruments TSC2301IPAG Datasheet HTML 4Page - Texas Instruments TSC2301IPAG Datasheet HTML 5Page - Texas Instruments TSC2301IPAG Datasheet HTML 6Page - Texas Instruments TSC2301IPAG Datasheet HTML 7Page - Texas Instruments TSC2301IPAG Datasheet HTML 8Page - Texas Instruments TSC2301IPAG Datasheet HTML 9Page - Texas Instruments TSC2301IPAG Datasheet HTML 10Page - Texas Instruments TSC2301IPAG Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 94 page
background image
www.ti.com
TSC2301
SLAS371D – SEPTEMBER 2002 – REVISED AUGUST 2004
PIN DESCRIPTION (continued)
VFBGA
TQFP
I/O
NAME
DESCRIPTION
BALL
PIN
Slave select input (active low). Data is not clocked into MOSI unless SS is low.
B2
16
I
SS
When SS is high, MISO is high impedance.
B1
17
I
SCLK
SPI clock input
C2
18
I
MOSI
SPI data input. Data is clocked in at SCLK rising edge
SPI data output. Data is clocked out at SCLK falling edge. High impedance when
C1
19
O
MISO
SS is high.
D2
20
O
DAV
Data available (active low).
D1
21
I
COI
Crystal input
E2
22
O
COO
Crystal output
E1
23
I
MCLK
Master clock input for audio codec
F2
24
I
BCLK
I2S bit clock
F1
25
I
LRCLK
I2S left/right clock
G1
26
I
I2SDIN
I2S serial data in
G2
27
O
I2SDOUT
I2S serial data out
H1
28
I
DVDD
Digital voltage supply
J1
29
I
DGND
Digital ground
J2
30
O
KBIRQ
Keypad interrupt (active low). Indicates a key has been depressed
K1
31
I
RESET
Device reset (active high)
K2
32
O
R1
Keypad row 1
L2
33
O
R2
Keypad row 2
K3
34
O
R3
Keypad row 3
L3
35
O
R4
Keypad row 4
K4
36
I
C1
Keypad column 1
L4
37
I
C2
Keypad column 2
K5
38
I
C3
Keypad column 3
L5
39
I
C4
Keypad column 4
L6
40
I
LLINEIN
Left-channel analog input to audio codec
L7
41
I
RLINEIN
Right-channel analog input to audio codec
K7
42
I
MICIN
Analog input from microphone
L8
43
O
MICBIAS
Bias voltage output
K8
44
O
VCM
Common-mode voltage bypass capacitor
L9
45
O
AFILTR
Right-channel audio ADC antialiasing filter capacitor
K9
46
O
AFILTL
Left-channel audio ADC antialiasing filter capacitor
L10
47
I
VREF+
Audio codec positive reference voltage
K10
48
I
VREF-
Audio codec negative reference voltage
K11
49
O
MONO+
Mono differential output
J10
50
O
MONO-
Mono differential output
J11
51
O
VOUTR
Audio right line output
H10
52
O
VOUTL
Audio left line output
H11
53
I
AGND
Analog ground
G10
54
I
AVDD
Analog supply
G11
55
O
HPL
Headphone amplifier left output
F10
56
O
HPR
Headphone amplifier right output
F11
57
I
HPGND
Analog ground for headphone amplifier and touch screen circuitry
E11
58
I
X-
X- position input
E10
59
I
Y-
Y- position input
D11
60
I
X+
X+ position input
7


Numéro de pièce similaire - TSC2301IPAG

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSC2301IPAG TI-TSC2301IPAG Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IPAGR TI-TSC2301IPAGR Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
More results

Description similaire - TSC2301IPAG

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSC2100 TI1-TSC2100_16 Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com