Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC2301 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TSC2301
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2301 Fiches technique(HTML) 3 Page - Texas Instruments

  TSC2301_15 Datasheet HTML 1Page - Texas Instruments TSC2301_15 Datasheet HTML 2Page - Texas Instruments TSC2301_15 Datasheet HTML 3Page - Texas Instruments TSC2301_15 Datasheet HTML 4Page - Texas Instruments TSC2301_15 Datasheet HTML 5Page - Texas Instruments TSC2301_15 Datasheet HTML 6Page - Texas Instruments TSC2301_15 Datasheet HTML 7Page - Texas Instruments TSC2301_15 Datasheet HTML 8Page - Texas Instruments TSC2301_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 94 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
TSC2301
SLAS371D – SEPTEMBER 2002 – REVISED AUGUST 2004
PACKAGE/ORDERING INFORMATION
PRODUCT
PACKAGE
PACKAGE
OPERATING
ORDERING
TRANSPORT MEDIA
DESIGNATOR
TEMPERATURE RANGE
NUMBER
QUANTITY
TSC2301IPAG
Trays, 160
TQFP-64
PAG
TSC2301IPAGR
Tape and reel, 1500
TSC2301IGQZ
Trays, 250
TSC2301I
GQZ
–40°C to 85°C
TSC2301IGQZR
Tape and reel, 2500
VFBGA-120
TSC2301IZQZ
Trays, 250
ZQZ
TSC2301IZQZR
Tape and reel, 2500
over operating free-air temperature range unless otherwise noted(1)
TSC2301
Supply voltage
AVDD, HPVDD, DVDD
4 V
Ground voltage differences
AGND, DGND
±0.1 V
Digital input voltage
-0.3 V to (DVDD + 0.3 V)
Analog input voltage
-0.3 V to (AVDD + 0.3 V)
Ambient temperature under bias, TA
-40°C to 125°C
Storage temperature, Tstg
-55°C to 150°C
Junction temperature, TJ
150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
3


Numéro de pièce similaire - TSC2301_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSC2301IGQZ TI-TSC2301IGQZ Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IGQZR TI-TSC2301IGQZR Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IPAG TI-TSC2301IPAG Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IPAGR TI-TSC2301IPAGR Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IZQZ TI-TSC2301IZQZ Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
More results

Description similaire - TSC2301_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSC2100 TI1-TSC2100_16 Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com