Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC2006IRTJTG4 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TSC2006IRTJTG4
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2006IRTJTG4 Fiches technique(HTML) 5 Page - Texas Instruments

  TSC2006IRTJTG4 Datasheet HTML 1Page - Texas Instruments TSC2006IRTJTG4 Datasheet HTML 2Page - Texas Instruments TSC2006IRTJTG4 Datasheet HTML 3Page - Texas Instruments TSC2006IRTJTG4 Datasheet HTML 4Page - Texas Instruments TSC2006IRTJTG4 Datasheet HTML 5Page - Texas Instruments TSC2006IRTJTG4 Datasheet HTML 6Page - Texas Instruments TSC2006IRTJTG4 Datasheet HTML 7Page - Texas Instruments TSC2006IRTJTG4 Datasheet HTML 8Page - Texas Instruments TSC2006IRTJTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
PIN CONFIGURATION
X
Y
SNSGND
NC
-
-
CS
TSC2006
16
17
18
19
20
10
9
8
7
6
ThermalPad
1
2
3
4
5
15
14
13
12
11
AGND
AUX
NC
I/OVDD
DGND
TSC2006
www.ti.com ......................................................................................................................................................... SBAS415C – JUNE 2007 – REVISED MARCH 2009
RTJ PACKAGE(1)
QFN-20
(TOP VIEW)
(1)
The thermal pad is internally connected to SUBGND. The thermal pad can be connected to the analog ground or left
floating. Keep the thermal pad separate from the digital ground, if possible.
PIN ASSIGNMENTS
PIN
PIN
NO.
NAME
I/O
A/D
DESCRIPTION
1
SDO
I/O
D
Serial data output. This output is the MISO signal for the SPI protocol.
2
SCLK
I
D
Serial clock input
3
SDI
I
D
Serial data input. This input is the MOSI signal for the SPI protocol.
4
PINTDAV
O
D
Interrupt output. Data available or PENIRQ, depending on setting. Pin polarity with active low.
5
RESET
I
D
System reset. All register values reset to default values.
6
DGND
Digital ground
7
I/OVDD
Digital I/O interface voltage
8, 19
NC
No connection
9
AUX
I
A
Auxiliary channel input
10
AGND
Analog ground
11
VREF
I
A
External reference input
12
SNSVDD
Power supply for sensor drivers and other analog blocks
13
X+
I
A
X+ channel input
14
Y+
I
A
Y+ channel input
15
SUBGND
Substrate ground (for ESD current)
16
X–
I
A
X– channel input
17
Y–
I
A
Y– channel input
18
SNSGND
Sensor driver return
20
CS
I
D
Chip select. This input is the slave select (SS) signal for the SPI protocol.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TSC2006


Numéro de pièce similaire - TSC2006IRTJTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSC2006IRTJT TI-TSC2006IRTJT Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
More results

Description similaire - TSC2006IRTJTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008-Q1 TI1-TSC2008-Q1 Datasheet
881Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2005 BURR-BROWN-TSC2005 Datasheet
796Kb / 42P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
logo
Texas Instruments
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com