Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC2006IRTJT Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TSC2006IRTJT
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2006IRTJT Fiches technique(HTML) 1 Page - Texas Instruments

  TSC2006IRTJT Datasheet HTML 1Page - Texas Instruments TSC2006IRTJT Datasheet HTML 2Page - Texas Instruments TSC2006IRTJT Datasheet HTML 3Page - Texas Instruments TSC2006IRTJT Datasheet HTML 4Page - Texas Instruments TSC2006IRTJT Datasheet HTML 5Page - Texas Instruments TSC2006IRTJT Datasheet HTML 6Page - Texas Instruments TSC2006IRTJT Datasheet HTML 7Page - Texas Instruments TSC2006IRTJT Datasheet HTML 8Page - Texas Instruments TSC2006IRTJT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
PINTDAV
SPI
Serial
Interface
and
Control
CS
SCLK
SDI
RESET
SDO
VREF
X+
X
-
Y+
Y
-
AUX
TEMP
Mux
PENIRQ
DAV
SAR
ADC
Internal
Clock
Touch
Screen
Drivers
Interface
TSC2006
www.ti.com ......................................................................................................................................................... SBAS415C – JUNE 2007 – REVISED MARCH 2009
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire
TOUCH SCREEN CONTROLLER with SPI™ Interface
• Personal Digital Assistants
23
• 4-Wire Touch Screen Interface
• Cellular Phones
• Ratiometric Conversion
• Portable Instruments
• Single 1.2V to 3.6V Supply
• Point-of-Sale Terminals
• Preprocessing to Reduce Bus Activity
• MP3 Players, Pagers
• High-Speed SPI-Compatible Interface
• Multiscreen Touch Control Systems
• Internal Detection of Screen Touch
• Register-Based Programmable:
10-Bit or 12-Bit Resolution
The TSC2006 is a very low-power touch screen
Sampling Rates
controller designed to work with power-sensitive,
handheld applications that are based on advanced
System Timing
low-voltage processors. It works with a supply voltage
• On-Chip Temperature Measurement
as low as 1.2V, which can be supplied by a
• Touch Pressure Measurement
single-cell
battery.
It
contains
a
complete,
• Auto Power-Down Control
ultralow-power, 12-bit, analog-to-digital (A/D) resistive
touch screen converter, including drivers and the
• Low Power:
control logic to measure touch pressure.
707
µW at 1.8V, 50SSPS
In addition to these standard features, the TSC2006
544
µW at 1.6V, 50SSPS
offers
preprocessing
of
the
touch
screen
280
µW at 1.2V, 50SSPS
measurements to reduce bus loading, thus reducing
69
µW at 1.6V, 8.2kSPS Eq. Rate
the consumption of host processor resources that can
then be redirected to more critical functions.
43
µW 1.2V, 8.2kSPS Eq. Rate
The TSC2006 supports an SPI-compatible serial bus
• Enhanced ESD Protection:
up to 25MHz. It offers programmable resolution of 10
±8kV HBM
or 12 bits to accommodate different screen sizes and
±1kV CDM
performance needs.
±25kV Air Gap Discharge
The TSC2006 is available in a miniature 20-lead,
±12kV Contact Discharge
4 × 4 QFN package, and is characterized for the
–40°C to +85°C industrial temperature range.
• 4 × 4 QFN-20 and 0.4mm 4 × 4 XTQFN-20(1)
Packages
(1)
XTQFN package available Q4, 2009.
U.S. Patent No. 6246394; other patents pending.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TSC2006IRTJT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSC2006IRTJT TI-TSC2006IRTJT Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
More results

Description similaire - TSC2006IRTJT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008-Q1 TI1-TSC2008-Q1 Datasheet
881Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2005 BURR-BROWN-TSC2005 Datasheet
796Kb / 42P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
logo
Texas Instruments
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com