Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3USB32008RSVR Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TS3USB32008RSVR
Description  USB 2.0 Applications
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB32008RSVR Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TS3USB32008RSVR Datasheet HTML 5Page - Texas Instruments TS3USB32008RSVR Datasheet HTML 6Page - Texas Instruments TS3USB32008RSVR Datasheet HTML 7Page - Texas Instruments TS3USB32008RSVR Datasheet HTML 8Page - Texas Instruments TS3USB32008RSVR Datasheet HTML 9Page - Texas Instruments TS3USB32008RSVR Datasheet HTML 10Page - Texas Instruments TS3USB32008RSVR Datasheet HTML 11Page - Texas Instruments TS3USB32008RSVR Datasheet HTML 12Page - Texas Instruments TS3USB32008RSVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
D+
USB+
MHL+
Control
Logic
SEL1
SEL2
D-
USB-
MHL-
ID_COM
ID_MHL
ID_USB
Switch
Power
PSEL
VBUS
VCC
Copyright © 2016, Texas Instruments Incorporated
9
TS3USB3200
www.ti.com
SCDS333B – JUNE 2012 – REVISED JULY 2016
Product Folder Links: TS3USB3200
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TS3USB3200 supports high-speed Mobile High-Definition Link (MHL) or Mobility Display Port (MyDP)
switching, as well as USB 2.0 High-Speed (480 Mbps) switching in the same package. An additional integrated
ID switch is also included to support USB/MHL or MyDP ID for easy information control. These configurations
allow the system designer to use a common USB or Mico-USB connector to support both MHL/MyDP video
signals and USB data.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Flexible Power Control
Device can be powered by VBUS or by VCC. This allows the device to run off a 4.3-V battery voltage or 5 V from
an external USB device. If both a battery and external USB device are supplying voltage on the VCC and VBUS
pins the PSEL can be used to select which power supply is used to save battery power.
7.3.2 IOFF Protection Prevents Current Leakage in Powered Down State (VCC and VBUS= 0 V)
When there is no power supplied to the IC, all of the I/O signal paths are placed in a high impedance state, which
isolates the data paths when they are not being used.
7.3.3 1.8-V Compatible Control Inputs (SEL1, SEL2, and PSEL)
The TS3USB3200 logic control input pins can operate with 1.8-V logic since the VIH minimum for the SEL1,
SEL2, and PSEL is 1.3 V.


Numéro de pièce similaire - TS3USB32008RSVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS3USB3200 TI1-TS3USB3200 Datasheet
2Mb / 21P
[Old version datasheet]   DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch with ID Select and Flexible Power Control
TS3USB3200RSVR TI1-TS3USB3200RSVR Datasheet
2Mb / 21P
[Old version datasheet]   DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch with ID Select and Flexible Power Control
More results

Description similaire - TS3USB32008RSVR

FabricantNo de pièceFiches techniqueDescription
logo
Rosenberger Hochfrequen...
L99-987-800 ROSENBERGER-L99-987-800 Datasheet
880Kb / 2P
   USB 2.0 A MALE TO USB 2.0 MINI USB
logo
Wurth Elektronik GmbH &...
614108247221 WURTH-614108247221 Datasheet
609Kb / 2P
   WR-USB 2.0 HORIZONTAL DUAL-WAY USB 2.0
logo
List of Unclassifed Man...
MC001008 ETC2-MC001008 Datasheet
190Kb / 1P
   USB 2.0 Cable
logo
Glenair, Inc.
963-005 GLENAIR-963-005 Datasheet
204Kb / 1P
   USB 2.0 Cable
logo
Leopard Imaging Inc.
LI-USB20-OV5640-PAR-AF LEOPARD-LI-USB20-OV5640-PAR-AF Datasheet
1Mb / 4P
   USB 2.0 Camera
logo
Rosenberger Hochfrequen...
L99-988-800 ROSENBERGER-L99-988-800 Datasheet
782Kb / 2P
   USB 2.0 A MALE TO USB 2.0 MICRO-B
L99-989-800 ROSENBERGER-L99-989-800 Datasheet
725Kb / 2P
   USB 2.0 A MALE TO USB 2.0 TYPE-B
logo
Leopard Imaging Inc.
LI-OV2640-USB-M7 LEOPARD-LI-OV2640-USB-M7 Datasheet
403Kb / 2P
   USB 2.0 Cameras
logo
Molex Electronics Ltd.
987651-7604 MOLEX-987651-7604 Datasheet
1Mb / 3P
   USB 2.0 Modules
2019.02
logo
Leopard Imaging Inc.
LI-OV5648-USB-AF LEOPARD-LI-OV5648-USB-AF Datasheet
409Kb / 2P
   USB 2.0 Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com