Moteur de recherche de fiches techniques de composants électroniques |
|
MAC12HCD Fiches technique(PDF) 3 Page - ON Semiconductor |
|
MAC12HCD Fiches technique(HTML) 3 Page - ON Semiconductor |
3 / 8 page MAC12HCD, MAC12HCM, MAC12HCN http://onsemi.com 3 + Current + Voltage VTM IH Symbol Parameter VDRM Peak Repetitive Forward Off State Voltage IDRM Peak Forward Blocking Current VRRM Peak Repetitive Reverse Off State Voltage IRRM Peak Reverse Blocking Current Voltage Current Characteristic of Triacs (Bidirectional Device) IDRM at VDRM on state off state IRRM at VRRM Quadrant 1 MainTerminal 2 + Quadrant 3 MainTerminal 2 – VTM IH VTM Maximum On State Voltage IH Holding Current MT1 (+) IGT GATE (+) MT2 REF MT1 (–) IGT GATE (+) MT2 REF MT1 (+) IGT GATE (–) MT2 REF MT1 (–) IGT GATE (–) MT2 REF – MT2 NEGATIVE (Negative Half Cycle) MT2 POSITIVE (Positive Half Cycle) + Quadrant III Quadrant IV Quadrant II Quadrant I Quadrant Definitions for a Triac IGT – + IGT All polarities are referenced to MT1. With in–phase signals (using standard AC lines) quadrants I and III are used. |
Numéro de pièce similaire - MAC12HCD |
|
Description similaire - MAC12HCD |