Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES215D10-Z Fiches technique(PDF) 2 Page - Copal Electronics

No de pièce ES215D10-Z
Description  Miniature Slide Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COPAL [Copal Electronics]
Site Internet  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ES215D10-Z Fiches technique(HTML) 2 Page - Copal Electronics

  ES215D10-Z Datasheet HTML 1Page - Copal Electronics ES215D10-Z Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tab term.
ES
Dimension L
Terminal
style
Part No.
TAB
Screw
Solder
ES125A
■−Z
25.2
±1
26.4
±1
22.3
±1
ES125D
■−Z
ES125E
■−Z
25.7
±1
22.7
±1
Dimension L
Terminal
Part No.
TAB
Screw
Solder
ES215K
■−Z
29.3
±1
26.4
±1
ES215N
■−Z
27.1
±1
ES215P
■−Z
Dimension L
Terminal
style
Part No.
TAB
Screw
Solder
ES225K
■−Z −−
26.4
±1
ES225N
■−Z
29.3
±1
30.6
±1
ES225P
■−Z
−−
SpeciÄcations
Rating
Initial contact resistance
Dielectric strength Insulation resistance
Electrical life
ES125A
■−Z
ES125D
■−Z
AC125V 25A
AC250V 25A
20m
Ω Max.
(DC2∼4V 100mA)
AC1500V
minute
100M
Ω Min.
(DC500V)
20,000
cycles
ES125E
■−Z
AC125V 25A
AC250V 12A
SpeciÄcations
Rating
Initial contact resistance
Dielectric strength Insulation resistance
Electrical life
ES215K
■−Z
ES215N
■−Z
AC125V 15A
AC250V 15A
20m
Ω Max.
(DC2∼4V 100mA)
AC1500V
1minute
100M
Ω Min.
(DC500V)
20,000
cycles
ES215P
■−Z
AC125V 15A
AC250V 7A
SpeciÄcations
Rating
Initial contact resistance
Dielectric strength Insulation resistance
Electrical life
ES225K
■−Z
ES225N
■−Z
AC125V 25A
AC250V 25A
20m
Ω Max.
(DC2∼4V 100mA)
AC1500V
minute
100M
Ω Min.
(DC500V)
20,000
cycles
ES225P
■−Z
AC125V 25A
AC250V 12A
ES125
ES215
ES225
1
−pole
2
−poles
2
−poles
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
Switching function
Part No.
Viewed from part No. marking side
ES125A
■−Z
OFF
ON
Connecting terminals
−−
1
−3
ES125D
■−Z
ON
ON
ES125E
■−Z
ON
OFF
ON
Connecting terminals
2
−1
2
−3
Switching function
Part No.
Viewed from part No. marking side
ES215K
■−Z
OFF
ON
Connecting terminals
−−
1
−3
4
−6
ES215N
■−Z
ON
ON
ES215P
■−Z
ON
OFF
ON
Connecting terminals
2
−1
5
−4
2
−3
5
−6
Switching function
Part No.
Viewed from part No. marking side
ES225K
■−Z
OFF
ON
Connecting terminals
−−
1
−3
4
−6
ES225N
■−Z
ON
ON
ES225P
■−Z
ON
OFF
ON
Connecting terminals
2
−1
5
−4
2
−3
5
−6
■To check the full part number of the products marked
with the
■, please refer to Table of Part Numbers on P.
530.
■To check the full part number of the products marked
with the
■, please refer to Table of Part Numbers on P.
530.
■To check the full part number of the products marked
with the
■, please refer to Table of Part Numbers on P.
530.
Switches with switching function A do not have terminal No. 2.
Switches with switching function K do not have terminal No. 2 and No. 5.
Switches with switching function K do not have terminal
No. 2 and No. 5.
●For the soldering speciÄcations and Åux cleaning speciÄcations,
please refer to P. 525.
■ indicates the terminal style number ( None , 10 , or 12. ).


Numéro de pièce similaire - ES215D10-Z

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
ES21-AT1110 SICK-ES21-AT1110 Datasheet
287Kb / 4P
   SAFETY COMMAND DEVICES
ES21-AT1120 SICK-ES21-AT1120 Datasheet
319Kb / 4P
   SAFETY COMMAND DEVICES
ES21-AT1130 SICK-ES21-AT1130 Datasheet
319Kb / 4P
   SAFETY COMMAND DEVICES
ES21-AT1140 SICK-ES21-AT1140 Datasheet
295Kb / 4P
   SAFETY COMMAND DEVICES
ES21-AT1150 SICK-ES21-AT1150 Datasheet
312Kb / 4P
   SAFETY COMMAND DEVICES
More results

Description similaire - ES215D10-Z

FabricantNo de pièceFiches techniqueDescription
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
logo
Copal Electronics
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
   Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
   Miniature Slide Switches
logo
ITT Industries
L202011MS02Q2 ITT-L202011MS02Q2 Datasheet
615Kb / 6P
   Miniature Slide Switches
logo
C&K Components
1000 CK-COMPONENTS-1000 Datasheet
521Kb / 6P
   Miniature Slide Switches
logo
ITT Industries
OS102011MS2QN1 ITT-OS102011MS2QN1 Datasheet
955Kb / 7P
   Miniature Slide Switches
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com