Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMC40457 Fiches technique(PDF) 5 Page - OPTREX CORPORATION

No de pièce DMC40457
Description  LCD Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OPTREX [OPTREX CORPORATION]
Site Internet  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

DMC40457 Fiches technique(HTML) 5 Page - OPTREX CORPORATION

  DMC40457 Datasheet HTML 1Page - OPTREX CORPORATION DMC40457 Datasheet HTML 2Page - OPTREX CORPORATION DMC40457 Datasheet HTML 3Page - OPTREX CORPORATION DMC40457 Datasheet HTML 4Page - OPTREX CORPORATION DMC40457 Datasheet HTML 5Page - OPTREX CORPORATION DMC40457 Datasheet HTML 6Page - OPTREX CORPORATION DMC40457 Datasheet HTML 7Page - OPTREX CORPORATION DMC40457 Datasheet HTML 8Page - OPTREX CORPORATION DMC40457 Datasheet HTML 9Page - OPTREX CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DMC40457
(AA)
No.99-0117
OPTREX CORPORATION
Page 5/15
OPTREX
3.Optical Specif ications
3.1.LCD Driving Voltage
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Recommended
Ta= 0℃
5.2
V
LCD Driving Voltage
VCC-VEE
Ta=25℃
4.2
4.5
4.8
V
Note 1
Ta=50℃
3.7
V
Note 1 :
Voltage (Applied actual waveform to LCD Module) for the best contrast. The range of
minimum and maximum shows tolerance of the operating voltage. The specified contrast ratio and
response time are not guaranteed over the entire range.
3.2.Optical Characteristics
Ta=25℃, 1/16 Duty, 1/5 Bias, VD=4.5V (Note 4), θ=10 ゚, φ=270 ゚
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Contrast Ratio
Note 1
CR
θ=20 ゚, φ=270 ゚
7
Viewing Angle
Shown in 3.3
Response
Rise
Note 2
TON
130
200
ms
Time
Decay Note 3
TOFF
130
200
ms
Note 1 : Contrast ratio is definded as follows.
CR = LOFF / LON CR = LON / LOFF
LON : Luminance of the ON segments
LOFF : Luminance of the OFF segments
Note 2 : The time that the luminance level reaches 90% of the saturation level from 0% when ON
signal is applied.
Note 3 : The time that the luminance level reaches 10% of the saturation level from 100% when OFF
signal is applied.
Note 4 : Definition of Driving Voltage VD
Assuming that the typical driving waveforms shown below are applied to the LCD Panel at
1/A Duty - 1/B Bias ( A : Duty Number, B : Bias Number ). Driving voltage VD is definded
as follows.
VD = (Vth1+Vth2) / 2
Vth1 : The voltage VO-P that should provide 50% of the saturation level in the luminance
measured atθ= 10 ゚, φ=270 ゚ on the segment which the ON signal is applied to.
Vth2 : The voltage VO-P that should provide 26% of the saturation level in the luminance
measured atθ= 40 ゚, φ=270 ゚ on the segment which the OFF signal is applied to.
VO-P
1 /
fF
( B-2 )×VO-P / B
1 / (
fF×A )
〈OFF SIGNAL〉
〈ON SIGNAL〉


Numéro de pièce similaire - DMC40457

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DMC4040SSD DIODES-DMC4040SSD Datasheet
273Kb / 11P
   40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4040SSD-13 DIODES-DMC4040SSD-13 Datasheet
273Kb / 11P
   40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4040SSD DIODES-DMC4040SSD_15 Datasheet
273Kb / 11P
   40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4047LSD DIODES-DMC4047LSD Datasheet
362Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
November 2013
DMC4047LSD-13 DIODES-DMC4047LSD-13 Datasheet
362Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
November 2013
More results

Description similaire - DMC40457

FabricantNo de pièceFiches techniqueDescription
logo
HYES Optoelectronics, I...
HT5711LH-T HYES-HT5711LH-T Datasheet
777Kb / 22P
   LCD MODULE
logo
Sharp Corporation
LS027B7DH01 SHARP-LS027B7DH01 Datasheet
777Kb / 32P
   LCD Module
logo
List of Unclassifed Man...
MC-162-4 ETC1-MC-162-4 Datasheet
66Kb / 1P
   LCD MODULE
logo
AZ Displays
AGM2464D AZDISPLAYS-AGM2464D Datasheet
545Kb / 14P
   LCD MODULE
AGM4832C AZDISPLAYS-AGM4832C Datasheet
430Kb / 14P
   LCD MODULE
logo
List of Unclassifed Man...
TM242ADA6 ETC-TM242ADA6 Datasheet
310Kb / 23P
   LCD MODULE
DEM16101H ETC-DEM16101H Datasheet
203Kb / 15P
   LCD MODULE
TM164ABA ETC-TM164ABA Datasheet
353Kb / 23P
   LCD MODULE
logo
Purdy Electronics Corpo...
AND3222MST2 PURDY-AND3222MST2 Datasheet
187Kb / 4P
   LCD Module
logo
AZ Displays
AGM1212C AZDISPLAYS-AGM1212C Datasheet
584Kb / 13P
   LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15