Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK5Q4U362J-E Fiches technique(PDF) 7 Page - ON Semiconductor

No de pièce STK5Q4U362J-E
Description  Intelligent Power Module (IPM)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK5Q4U362J-E Fiches technique(HTML) 7 Page - ON Semiconductor

Back Button STK5Q4U362J-E Datasheet HTML 3Page - ON Semiconductor STK5Q4U362J-E Datasheet HTML 4Page - ON Semiconductor STK5Q4U362J-E Datasheet HTML 5Page - ON Semiconductor STK5Q4U362J-E Datasheet HTML 6Page - ON Semiconductor STK5Q4U362J-E Datasheet HTML 7Page - ON Semiconductor STK5Q4U362J-E Datasheet HTML 8Page - ON Semiconductor STK5Q4U362J-E Datasheet HTML 9Page - ON Semiconductor STK5Q4U362J-E Datasheet HTML 10Page - ON Semiconductor STK5Q4U362J-E Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
STK5Q4U362J-E
www.onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 4. VCE versus ID for different temperatures
(VDD = 15 V)
Figure 5. VF versus ID for different temperatures
Figure 6. EON versus ID for different temperatures
Figure 8. Thermal impedance plot (IGBT)
Figure 7. EOFF versus ID for different temperatures
0
200
400
600
800
0
2
4
6
8
10 12 14 16 18 20
Ic [A]
0
50
100
150
200
250
0
2
4
6
8
10 121416 1820
Ic [A]
0
5
10
15
20
0123
VCE [V]
0
5
10
15
20
0
123
VF [V]
Figure 9. Thermal impedance plot (FRD)
TJ = 25C
TJ = 100C
TJ = 25C
TJ = 100C
TJ = 25C
TJ = 100C
TJ = 25C
TJ = 100C
0.0
0.2
0.4
0.6
0.8
1.0
0.0001
0.01
1
100
PT [s]
0.0
0.2
0.4
0.6
0.8
1.0
0.0001
0.01
1
100
PT [s]
Figure 10. Turn-on waveform Tj = 100
C, VCC = 400 V
Figure 11. Turn-off waveform Tj = 100
C, VCC = 400 V
Io:5A/div
X:100ns/div
Vce: 100V/div
Io:5A/div
X:100ns/div
Vce: 100V/div


Numéro de pièce similaire - STK5Q4U362J-E

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
STK5Q4U340J-E ONSEMI-STK5Q4U340J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5Q4U352J ONSEMI-STK5Q4U352J Datasheet
646Kb / 15P
   Intelligent Power Module (IPM) 600 V, 8 A
October 2016 - Rev. P3
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
646Kb / 15P
   Intelligent Power Module (IPM) 600 V, 8 A
October 2016 - Rev. P3
More results

Description similaire - STK5Q4U362J-E

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
STK5U4UCC0D-E ONSEMI-STK5U4UCC0D-E Datasheet
591Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UFB0D-E ONSEMI-STK5U4UFB0D-E Datasheet
599Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK534U342C-E ONSEMI-STK534U342C-E Datasheet
390Kb / 15P
   Intelligent Power Module (IPM)
September 2016 - Rev. 1
STK5Q4U340J-E ONSEMI-STK5Q4U340J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
logo
Toshiba Semiconductor
TLP104 TOSHIBA-TLP104 Datasheet
592Kb / 13P
   IPM (Intelligent Power Module)
logo
ON Semiconductor
STK554U392C-E ONSEMI-STK554U392C-E Datasheet
454Kb / 14P
   Intelligent Power Module (IPM)
June, 2019 - Rev. 1
STK5C4U332J-E ONSEMI-STK5C4U332J-E Datasheet
729Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P4
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCE0D-E ONSEMI-STK5U4UCE0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UCG0D-E ONSEMI-STK5U4UCG0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com